Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 18Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 19Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 20Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 21Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 22Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 23Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 24Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 25Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
20
Am29PDL129H
November 2, 2005
Selecting a Sector Protection Mode
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at the factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See Autoselect Mode for de-
tails.
Table 9.
Sector Protection Schemes
Write Protect (WP#)
The Write Protect feature provides a hardware method
of protecting sectors without using VID. This function
is provided by the WP# pin and overrides the previ-
ously discussed High Voltage Sector Protection
method.
If the system asserts VIL on the WP#/ACC pin, the de-
vice disables program and erase functions in the two
outermost 4 Kword sectors on both ends of the flash
array independent of whether it was previously pro-
tected or unprotected.
If the system asserts VIH on the WP#/ACC pin, the de-
vice reverts to whether sectors were last set to be pro-
tected or unprotected. That is, sector protection or
unprotection for these sectors depends on whether
they were last protected or unprotected using the
method described in High Voltage Sector Protection.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile
bit that reflects the state of the Password Mode Lock-
ing Bit after power-up reset. If the Password Mode
Lock Bit is also set after a hardware reset (RESET#
asserted) or a power-up reset, the ONLY means for
clearing the PPB Lock Bit in Password Protection
Mode is to issue the Password Unlock command. Suc-
cessful execution of the Password Unlock command
clears the PPB Lock Bit, allowing for sector PPBs
modifications. Asserting RESET#, taking the device
through a power-on reset, or issuing the PPB Lock Bit
Set command sets the PPB Lock Bit to a “1” when the
Password Mode Lock Bit is not set.
If the Password Mode Locking Bit is not set, including
Persistent Protection Mode, the PPB Lock Bit is
cleared after power-up or hardware reset. The PPB
Lock Bit is set by issuing the PPB Lock Bit Set com-
mand. Once set the only means for clearing the PPB
Lock Bit is by issuing a hardware or power-up reset.
The Password Unlock command is ignored in Persis-
tent Protection Mode.
High Voltage Sector Protection
Sector protection and unprotection may also be imple-
mented using programming equipment. The proce-
dure requires high voltage (VID) to be placed on the
RESET# pin. Refer to Figure 1 for details on this pro-
cedure. Note that for sector unprotect, all unprotected
sectors must first be protected prior to the first sector
write cycle.
Figure 1.
Temporary Sector Unprotect
Figure 2.
Flash Memory Region
The SecSi (Secured Silicon) Sector feature provides a
Flash memory region that enables permanent part
identification through an Electronic Serial Number
(ESN) The 128-word SecSi sector is divided into 64
factory-lockable words that can be programmed and
locked by the customer. The SecSi sector is located at
addresses 000000h-00007Fh in both Persistent Pro-
tection mode and Password Protection mode. It uses
indicator bits (DQ6, DQ7) to indicate the factory-
locked and customer-locked status of the part.
The system accesses the through a command se-
quence (see “Enter /Exit Command Sequence”). After
the system has written the Enter command sequence,
it may read the by using the addresses normally occu-
pied by the boot sectors. This mode of operation con-
tinues until the system issues the Exit command
sequence, or until power is removed from the device.
On power-up, or following a hardware reset, the device
reverts to sending commands to the normal address
space.
Factory-Locked Area (64 words)
The factory-locked area of the SecSi Sector (000000h-
00003Fh) is locked when the part is shipped, whether
or not the area was programmed at the factory. The
SecSi Sector Factory-locked Indicator Bit (DQ7) is per-
manently set to a “1”. AMD offers the ExpressFlash
service to program the factory-locked area with a ran-
dom ESN, a customer-defined code, or any combina-
Notes:
1. All protected sectors unprotected (If WP#/ACC = VIL,
sectors will remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com