Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 31Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 32Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 33Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 34Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 35Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 36Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 37Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 38Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
November 2, 2005
Am29PDL129H
33
AC CHARACTERISTICS
CE1#/CE2# Timing
Read-Only Operations
Notes:
1.
Not 100% tested.
2.
See Figure 8 and Table 16 for test specifications
3.
Valid CE1#/CE2# conditions: (CE1#= VIL, CE2#= VIH) or (CE1#=
VIH, CE2#=VIL).
4.
Valid CE1#/CE2# transitions: (CE1#= CE2#= VIH) to (CE1#= VIL,
CE2#=VIH) or (CE1#= VIH, CE2#=VIL).
5.
Measurements performed by placing a 50 ohm termination on the
data pin with a bias of VCC/2. The time from OE# high to the data
bus driven to VCC/2 is taken as tDF.
6.
Valid CE1#/CE2# transitions: (CE1#= VIL, CE2#= VIH) or (CE1#=
VIH, CE2#=VIL) to (CE1#= CE2#= VIH).
7.
For 70 pF output load capacitance, 2 ns will be added to tACC, tCE,
tPACC, tOE values for all speed options.
Parameter
Description
All Speed Options
Unit
JEDEC
Std
tCCR
CE1#/CE2# Recover Time
Min
30
ns
CE1#
tCCR
tCCR
CE2#
Figure 10.
Timing Diagram for Alternating Between CE1# and CE2# Control
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
53
63
68
88
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
55
65
65
85
ns
tAVQV
tACC
Address to Output Delay (Note 3)
CE#, OE# = VIL
Max
55656585
ns
tELQV
tCE
Chip Enable to Output Delay (Note 4)
OE# = VIL
Max
60657085
ns
tPACC Page Access Time
Max
20
25
30
ns
tGLQV
tOE
Output Enable to Output Delay
Max
20
25
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (Notes 1, 5, 6)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Notes 1, 5)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#/CE2#
or OE#, Whichever Occurs First (Notes 5, 6)
Min
5
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com