Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL129H Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29PDL129H Datasheet HTML 6Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 7Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 8Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 9Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 10Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 11Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 12Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 13Page - Advanced Micro Devices AM29PDL129H Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
8
Am29PDL129H
November 2, 2005
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Note: For the Am29PDL129H, the last digit of the speed grade
specifies the VIO range of the device. Speed grades ending in 3 (for
example: 53, 63) indicate a 3 Volt VIO range. Speed grades ending in 8
(for example: 68, 88) indicate a 1.8 Volt VIO range. Contact AMD or
Fujitsu for availability of 1.8V VIO range devices.
Am29PDL129
H
53
VK
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
VK
=
80-Ball Fine-pitch Ball Grid Array
0.8 mm pitch, 11.5 x 9 mm package (VBB080)
SPEED OPTION
See Product Selector Guide and Valid Combinations
PROCESS TECHNOLOGY
H = 0.13 µm
DEVICE NUMBER/DESCRIPTION
Am29PDL129H
128 Megabit (8 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Dual Chip Enable Inputs
Valid Combinations for BGA Packages
Order Number
Package Marking
Speed
(ns)
VIO Range
Am29PDL129H53
VKI
PD129H53V
I
55
2.7–3.6 V
Am29PDL129H63
PD129H63V
65
2.7–3.6 V
Am29PDL129H68
PD129H68V
65
1.65–1.95 V
Am29PDL129H88
PD129H88V
85
1.65–1.95 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com