Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2652 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MB2652
Description  Dual octal transceiver/registers, non-inverting 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2652 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MB2652 Datasheet HTML 3Page - NXP Semiconductors MB2652 Datasheet HTML 4Page - NXP Semiconductors MB2652 Datasheet HTML 5Page - NXP Semiconductors MB2652 Datasheet HTML 6Page - NXP Semiconductors MB2652 Datasheet HTML 7Page - NXP Semiconductors MB2652 Datasheet HTML 8Page - NXP Semiconductors MB2652 Datasheet HTML 9Page - NXP Semiconductors MB2652 Datasheet HTML 10Page - NXP Semiconductors MB2652 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors Products
Product specification
MB2652
Dual octal transceiver/registers,
non-inverting (3-State)
August 23, 1993
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
130
190
130
MHz
tPLH
tPHL
Propagation delay
nCPAB to nBx or nCPBA to nAx
1
2.1
2.7
3.9
4.4
5.3
5.7
2.1
2.7
5.8
6.3
ns
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
1.4
1.4
3.2
3.3
4.3
4.7
1.4
1.4
4.8
5.3
ns
tPLH
tPHL
Propagation delay
nSAB to nBx or nSBA to nAx
3
1.3
2.1
3.6
3.8
5.0
5.3
1.3
2.1
5.6
5.8
ns
tPZH
tPZL
Output enable time
nOEBA to nAx
5
6
1.0
1.8
2.9
3.6
4.1
4.8
1.0
1.8
4.8
5.5
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx
5
6
1.0
1.6
3.8
3.2
5.0
4.5
1.0
1.6
5.5
5.1
ns
tPZH
tPZL
Output enable time
nOEAB to nBx
5
6
1.2
2.7
3.7
4.5
5.0
5.8
1.2
2.7
5.6
6.3
ns
tPHZ
tPLZ
Output disable time
nOEAB to nBx
5
6
1.0
1.2
3.4
3.1
4.7
4.2
1.0
1.2
5.3
4.9
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time
nAx to nCPBA, nBx to nCPAB
4
2.0
1.5
0.8
-0.1
2.0
1.5
ns
th(H)
th(L)
Hold time
nAx to nCPBA, nBx to nCPAB
4
1.5
1.0
0.1
-0.7
1.5
1.0
ns
tw(H)
tw(L)
Pulse width, High or Low
nCPAB or nCPBA
1
4.5
3.0
2.5
2.0
4.5
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com