Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2652 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2652
Description  Dual octal transceiver/registers, non-inverting 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2652 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2652 Datasheet HTML 1Page - NXP Semiconductors MB2652 Datasheet HTML 2Page - NXP Semiconductors MB2652 Datasheet HTML 3Page - NXP Semiconductors MB2652 Datasheet HTML 4Page - NXP Semiconductors MB2652 Datasheet HTML 5Page - NXP Semiconductors MB2652 Datasheet HTML 6Page - NXP Semiconductors MB2652 Datasheet HTML 7Page - NXP Semiconductors MB2652 Datasheet HTML 8Page - NXP Semiconductors MB2652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Philips Semiconductors Products
Product specification
MB2652
Dual octal transceiver/registers,
non-inverting (3-State)
1
August 23, 1993
853-1713 10585
FEATURES
• Independent registers for A and B buses
• Multiple V
CC and GND pins minimize
switching noise
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiplexed real-time and stored data
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2652 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2652 transceiver/register consists of
two sets of bus transceiver circuits with
3-State outputs, D-type flip-flops, and control
circuitry arranged for multiplexed
transmission of data directly from the input
bus or the internal registers. Data on the A or
B bus will be clocked into the registers as the
appropriate clock pin goes High. Output
Enable (nOEAB, (nOEBA) and Select (nSAB,
nSBA) pins are provided for bus
management.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay nAx to nBx
CL = 50pF; VCC = 5V
3.3
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack (QFP)
–40
°C to +85°C
MB2652BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
19
22
20
23
17
16
25
26
24
15
14
21
18
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
GND
2B3
2B4
2B5
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2652
52–pin PQFP
42
41
39
38
37
36
35
34
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
50
51
1
2
3
5
6
7
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
48
49
1CPAB
1SAB
44
1SBA
45
1CPBA
47
1OEAB
46
1OEBA
33
32
31
29
28
27
25
24
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
8
9
10
11
12
13
15
16
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
19
18
2CPAB
2SAB
23
2SBA
22
2CPBA
20
2OEAB
21
2OEBA


Similar Part No. - MB2652

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB26 PANJIT-MB26 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB26 ZSELEC-MB26 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB260F-C SECOS-MB260F-C Datasheet
293Kb / 2P
2Amp Surface Mount Bridge Rectifiers
logo
Murata Manufacturing Co...
MB26101BAN MURATA-MB26101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB26101BBN MURATA-MB26101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB2652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
National Semiconductor ...
MM74HC646 NSC-MM74HC646 Datasheet
198Kb / 6P
Non-Inverting Octal Bus Transceiver/Registers
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com