Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2652 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MB2652
Description  Dual octal transceiver/registers, non-inverting 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2652 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MB2652 Datasheet HTML 4Page - NXP Semiconductors MB2652 Datasheet HTML 5Page - NXP Semiconductors MB2652 Datasheet HTML 6Page - NXP Semiconductors MB2652 Datasheet HTML 7Page - NXP Semiconductors MB2652 Datasheet HTML 8Page - NXP Semiconductors MB2652 Datasheet HTML 9Page - NXP Semiconductors MB2652 Datasheet HTML 10Page - NXP Semiconductors MB2652 Datasheet HTML 11Page - NXP Semiconductors MB2652 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors Products
Product specification
MB2652
Dual octal transceiver/registers,
non-inverting (3-State)
August 23, 1993
8
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
nAx or nBx
VM
VM
VM
VM
VM
nCPBA or
nCPAB
ts(H)
th(H)
ts(L)
th(L)
nOEBA
VM
tPZH
tPHZ
0V
VOH –0.3V
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
VM
VM
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
tw(L)
nAx or nBx
VM
tPLH
tPHL
VM
VM
VM
nBx or nAx
VM
tPHL
tPLH
VM
VM
VM
nSBA or
nSAB
nAx or nBx
nAx or nBx
nOEBA
nAx or nBx
nOEAB
nOEAB
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
Waveform 2. Propagation Delay, nAx to
nBx or nBx to nAx
Waveform 3. Propagation Delay, SBA to
nAx or SAB to nBx
Waveform 4. Data Setup and Hold Times
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
48, 45, 19, 22
1CPAB, 1CPBA, 2CPAB, 2CPBA
Clock input A to B / Clock input B to A
49, 44, 18, 23
1SAB, 1SBA, 2SAB, 2SBA
Select input A to B / Select input B to A
50, 51, 1, 2, 3, 5, 6, 7, 8, 9,
10, 11, 12, 13, 15, 16
1A0 – 1A7,
2A0 – 2A7
Data inputs/outputs (A side)
42, 41, 39, 38, 37, 36, 35, 34,
33, 32, 31, 29, 28, 27, 25, 24
1B0 – 1B7,
2B0 – 2B7
Data inputs/outputs (B side)
47, 46, 20, 21
1OEAB, 1OEBA,
2OEAB, 2OEBA
Output enable inputs
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com