Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376496 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1376496
Description  D32H 2,2/ 2-H-5,08-Y - PCB header
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1376496 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1376496 Datasheet HTML 1Page - PHOENIX CONTACT 1376496 Datasheet HTML 2Page - PHOENIX CONTACT 1376496 Datasheet HTML 3Page - PHOENIX CONTACT 1376496 Datasheet HTML 4Page - PHOENIX CONTACT 1376496 Datasheet HTML 5Page - PHOENIX CONTACT 1376496 Datasheet HTML 6Page - PHOENIX CONTACT 1376496 Datasheet HTML 7Page - PHOENIX CONTACT 1376496 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Flammability rating according to UL 94
V0
Notes
Note on the contact
These connectors conform to DIN EN 61984, connectors without
switching capacity (COC). When used for their intended purpose,
they must not be plugged in or disconnected live or under load.
Dimensions
Dimensional drawing
Pitch
5.08 mm
Width [w]
19.08 mm
Height [h]
13.15 mm
Length [l]
22.1 mm
Installed height
9.35 mm
Solder pin length [P]
3.8 mm
PCB design
1.1 mm
Hole diameter
3 mm
Mechanical tests
Visual inspection
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
Result
Test passed
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Polarization and coding
Specification
IEC 60512-13-5:2006-02
Result
Test passed
Contact holder in insert
Specification
IEC 60512-15-1:2008-05
Contact holder in insert
Requirements >20 N
Test passed
Insertion and withdrawal forces
D32H 2,2/ 2-H-5,08-Y - PCB header
1376496
https://www.phoenixcontact.com/us/products/1376496
Nov 28, 2023, 12:34 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com