Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376496 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1376496
Description  D32H 2,2/ 2-H-5,08-Y - PCB header
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1376496 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1376496 Datasheet HTML 1Page - PHOENIX CONTACT 1376496 Datasheet HTML 2Page - PHOENIX CONTACT 1376496 Datasheet HTML 3Page - PHOENIX CONTACT 1376496 Datasheet HTML 4Page - PHOENIX CONTACT 1376496 Datasheet HTML 5Page - PHOENIX CONTACT 1376496 Datasheet HTML 6Page - PHOENIX CONTACT 1376496 Datasheet HTML 7Page - PHOENIX CONTACT 1376496 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
3 N
Withdraw strength per pos. approx.
4 N
Electrical tests
Thermal test | Test group C
Specification
IEC 60512-5-1:2002-02
Tested number of positions
10
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60664-1:2020-05
Insulating material group
II
Comparative tracking index (IEC 60112)
CTI ≥400 to <600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.6 mm
Rated insulation voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
minimum clearance value - non-homogenous field (III/2)
3 mm
minimum creepage distance (III/2)
3 mm
Rated insulation voltage (II/2)
600 V
Rated surge voltage (II/2)
4 kV
minimum clearance value - non-homogenous field (II/2)
3 mm
minimum creepage distance (II/2)
4.5 mm
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 Hz ... 60.1 Hz)
Sweep speed
50 m/s² (60.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Durability test
Specification
IEC 60512-9-1:2010-03
Impulse withstand voltage at sea level
4.8 kV
Contact resistance R1
0.9 mΩ
D32H 2,2/ 2-H-5,08-Y - PCB header
1376496
https://www.phoenixcontact.com/us/products/1376496
Nov 28, 2023, 12:34 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com