Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376496 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1376496
Description  D32H 2,2/ 2-H-5,08-Y - PCB header
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1376496 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1376496 Datasheet HTML 1Page - PHOENIX CONTACT 1376496 Datasheet HTML 2Page - PHOENIX CONTACT 1376496 Datasheet HTML 3Page - PHOENIX CONTACT 1376496 Datasheet HTML 4Page - PHOENIX CONTACT 1376496 Datasheet HTML 5Page - PHOENIX CONTACT 1376496 Datasheet HTML 6Page - PHOENIX CONTACT 1376496 Datasheet HTML 7Page - PHOENIX CONTACT 1376496 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact surface: Tin,
contact connection type: Pin, number of rows: 1, number of positions: 2, product range: D32H
2,2/..-H, pitch: 5.08 mm, connection method: Crimp connection, mounting: Wave soldering, pin
layout: Linear pinning, solder pin [P]: 3.8 mm, number of solder pins per potential: 1, plug-in
system: CONNEXIS D, Pin connector pattern alignment: Standard, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard
Your advantages
Well-known mounting principle allows worldwide use
•
Plug-in direction parallel to the PCB
•
Easy PCB replacement thanks to plug-in modules
•
Intuitive locking mechanism prevents accidental disconnection
•
Commercial data
Item number
1376496
Packing unit
100 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Product key
AACSUB
GTIN
4063151741044
Weight per piece (including packing)
9.653 g
Weight per piece (excluding packing)
9.464 g
Country of origin
CN
D32H 2,2/ 2-H-5,08-Y - PCB header
1376496
https://www.phoenixcontact.com/us/products/1376496
Nov 28, 2023, 12:34 AM
Page 1 (8)


Similar Part No. - 1376496

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376494 PHOENIX-1376494 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-Y - PCB header
1376495 PHOENIX-1376495 Datasheet
698Kb / 12P
D32PC 2,2/ 5-5,08-Y - PCB connector
1376497 PHOENIX-1376497 Datasheet
728Kb / 13P
D32PC 2,2/ 4-5,08-Y - PCB connector
1376498 PHOENIX-1376498 Datasheet
728Kb / 13P
D32PC 2,2/ 3-5,08-Y - PCB connector
1376499 PHOENIX-1376499 Datasheet
728Kb / 13P
D32PC 2,2/ 2-5,08-Y - PCB connector
More results

Similar Description - 1376496

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378285 PHOENIX-1378285 Datasheet
319Kb / 8P
D32H 2,2/ 6-H-5,08-Y - PCB header
1378290 PHOENIX-1378290 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-Y - PCB header
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1376494 PHOENIX-1376494 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-Y - PCB header
1378286 PHOENIX-1378286 Datasheet
318Kb / 8P
D32H 2,2/ 2-V-5,08-Y - PCB header
1378296 PHOENIX-1378296 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-Y - PCB connector
1376532 PHOENIX-1376532 Datasheet
322Kb / 8P
D32H 2,2/ 2-H-5,08-X - PCB header
1378282 PHOENIX-1378282 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-Y - PCB header
1378287 PHOENIX-1378287 Datasheet
318Kb / 8P
D32H 2,2/ 3-V-5,08-Y - PCB header
1378283 PHOENIX-1378283 Datasheet
320Kb / 8P
D32H 2,2/ 5-H-5,08-Y - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com