Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8632ART Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8632ART Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Configurations
Pin Description
Pin
Symbol
Description
1
-IN
Inverting Input of the Amplifier. The Voltage range can go from (VS– – 0.1V) to
(VS+ + 0.1V).
2
+IN
Non-Inverting Input of Amplifier. This pin has the same voltage range as –IN.
3
+VS
Positive Power Supply. The voltage is from 2.3V to 5.5V. Split supplies are
possible as long as the voltage between VS+ and VS– is between 2.3V and 5.5V. A
bypass capacitor of 0.1μF as close to the part as possible should be used between
power supply pins or between supply pins and ground
4
-VS
Negative Power Supply. It is normally tied to ground. It can also be tied to a voltage
other than ground as long as the voltage between VS+ and VS– is from 2.3V to 5.5V.
If it is not connected to ground, bypass it with a capacitor of 0.1μF as close to the
part as possible.
5
OUT
Amplifier Output
6
N/C
No Connection
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
AD8631
SOT23-5
AD8632A
MSOP-8/SOP-8/TSSOP-8
AD8634
SOP-14
1
2
3
5 +VS
-VS
+IN
4 -IN
OUT
-VS
OUTC
-VS
+VS
-VS
-INB
+INB
+INA
-INA
+INB
-INB
+INB
-INB
-IND
+INC
+IND
-INC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com