Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8632ART Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8632ART Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
VS = 5.0V, TA = +25
℃, VCM = VS /2, VO = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tS
Settling time
To 0.1%, G = +1, 2V step
1
μs
To 0.01%, G = +1, 2V step
1.2
tOR
Overload recovery time
VIN * Gain > VS
0.5
μs
NOISE PERFORMANCE
Vn
Input voltage noise
f = 0.1 to 10 Hz
12
μVP-P
en
Input voltage noise
density
f = 10kHz
20
nV/√Hz
In
Input current noise
density
f = 10kHz
5
fA/√Hz
POWER SUPPLY
VS
Operating supply
voltage
2.3
5.5
V
PSRR
Power supply rejection
ratio
VS = 2.7V to 5.5V,
VCM < VS+ − 2V
84
dB
Over temperature
80
IQ
Quiescent current
(per amplifier)
480
μA
Over temperature
520
THERMAL CHARACTERISTICS
TA
Operating temperature
range
-40
+125
°C
θJA
Package thermal
resistance
°C/W
SOT23-5
190
MSOP-8
216
SOP-8
125
specifications subject to changes without notice
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
5
UTD Semiconductor Co.,Limited
TSSOP-8
6
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com