Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8632ART Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SOT23-5
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.040
1.350
0.042
0.055
A1
0.040
0.150
0.002
0.006
A2
1.000
1.200
0.041
0.049
b
0.380
0.480
0.015
0.020
c
0.110
0.210
0.004
0.009
D
2.720
3.120
0.111
0.127
E
1.400
1.800
0.057
0.073
E1
2.600
3.000
0.106
0.122
e
0.950 typ.
0.037 typ.
e1
1.900 typ.
0.078 typ.
L
0.700 ref.
0.028 ref.
L1
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
13
UTD Semiconductor Co.,Limited
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com