Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320ML120REF Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29LV320ML120REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML120REF Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29LV320ML120REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 19Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 20Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
18
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
Figure 2.
In-System Sector Group Protect/Unprotect Algorithms
Sector Group Protect:
Write 60h to sector
group address with
A6–A0 = 0xx0010
Set up sector
group address
Wait 150 µs
Verify Sector Group
Protect: Write 40h
to sector group
address with
A6–A0 = 0xx0010
Read from
sector group address
with A6–A0
= 0xx0010
START
PLSCNT = 1
RESET# = VID
Wait 1
μs
First Write
Cycle = 60h?
Data = 01h?
Remove VID
from RESET#
Write reset
command
Sector Group
Protect complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Group Unprotect
Mode
No
Sector Group
Unprotect:
Write 60h to sector
group address with
A6–A0 = 1xx0010
Set up first sector
group address
Wait 15 ms
Verify Sector Group
Unprotect: Write
40h to sector group
address with
A6–A0 = 1xx0010
Read from
sector group
address with
A6–A0 = 1xx0010
START
PLSCNT = 1
RESET# = VID
Wait 1
μs
Data = 00h?
Last sector
group
verified?
Remove VID
from RESET#
Write reset
command
Sector Group
Unprotect complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Group Unprotect
Mode
No
All sector
groups
protected?
Yes
Protect all sector
groups: The indicated
portion of the sector
group protect algorithm
must be performed for all
unprotected sector
groups prior to issuing
the first sector group
unprotect address
Set up
next sector group
address
No
Yes
No
Yes
No
No
Yes
No
Sector Group
Protect
Algorithm
Sector Group
Unprotect
Algorithm
First Write
Cycle = 60h?
Protect
another
sector group?
Reset
PLSCNT = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com