Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320ML120REF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29LV320ML120REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML120REF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29LV320ML120REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 28Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
23
D A TA
SH EET
Table 9.
Primary Vendor-Specific Extended Query
Addresses
(x16)
Addresses
(x8)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0033h
Minor version number, ASCII
45h
8Ah
0008h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Process Technology (Bits 7-2) 0010b = 0.23 µm MirrorBit
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
04 = 29LV800 mode
4Ah
94h
0000h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors in Bank
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0001h
Page Mode Type
00 = Not Supported, 01 = 4 Word/8 Byte Page, 02 = 8 Word/16 Byte Page
4Dh
9Ah
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
9Ch
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
9Eh
0004h/
0005h
Top/Bottom Boot Sector Flag
00h = Uniform Device without WP# protect, 02h = Bottom Boot Device, 03h = Top
Boot Device, 04h = Uniform sectors bottom WP# protect, 05h = Uniform sectors top
WP# protect
50h
A0h
0001h
Program Suspend
00h = Not Supported, 01h = Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com