Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320ML120REF Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV320ML120REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML120REF Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV320ML120REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 10Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 13Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 14Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 15Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
10
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode; A20:A-1 in byte mode. Sector addresses are A20:A15 in both modes.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Group
Protection and Unprotection” section.
3. If WP# = V
IL, the first or last sector remains protected. If WP# = VIH, the first or last sector will be protected or unprotected as
determined by the method described in “Sector Group Protection and Unprotection”. All sectors are unprotected when shipped
from the factory (The Secured Silicon Sector may be factory protected depending on version ordered.)
4. DIN or DOUT as required by command sequence, data polling, or sector protect algorithm (see Figure 2).
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins operate in the byte or word configuration. If the
BYTE# pin is set at logic ‘1’, the device is in word con-
figuration, DQ0–DQ15 are active and controlled by
CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
VersatileIO
™ (V
IO) Control
The VersatileIO™ (V
IO) control allows the host system
to set the voltage levels that the device generates and
tolerates on CE# and DQ I/Os to the same voltage
level that is asserted on V
IO. See “Ordering Informa-
tion” on page 9 for V
IO options on this device.
Operation
CE#
OE#
WE#
RESET#
WP#
ACC
Addresses
(Note 2)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
XX
AIN
D
OUT
D
OUT
DQ8–DQ14
= High-Z,
DQ15 = A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
X
AIN
(Note 4) (Note 4)
Accelerated Program
L
H
L
H
(Note 3)
V
HH
AIN
(Note 4) (Note 4)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
XH
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
XX
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
XX
X
High-Z
High-Z
High-Z
Sector Group Protect
(Note 2)
LH
L
V
ID
HX
SA, A6 =L,
A3=L, A2=L,
A1=H, A0=L
(Note 4)
X
X
Sector Group Unprotect
(Note 2)
LH
L
VID
HX
SA, A6=H,
A3=L, A2=L,
A1=H, A0=L
(Note 4)
X
X
Temporary Sector Group
Unprotect
XX
X
V
ID
HX
A
IN
(Note 4) (Note 4)
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com