Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000S Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # M49000000S
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000S Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button M49000000S Datasheet HTML 35Page - Advanced Micro Devices M49000000S Datasheet HTML 36Page - Advanced Micro Devices M49000000S Datasheet HTML 37Page - Advanced Micro Devices M49000000S Datasheet HTML 38Page - Advanced Micro Devices M49000000S Datasheet HTML 39Page - Advanced Micro Devices M49000000S Datasheet HTML 40Page - Advanced Micro Devices M49000000S Datasheet HTML 41Page - Advanced Micro Devices M49000000S Datasheet HTML 42Page - Advanced Micro Devices M49000000S Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
38
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
pSRAM DC & OPERATING CHARACTERISTICS
Notes:
1. V
CC – 1.0 V for a 10 ns pulse width.
2. V
CC + 1.0 V for a 10 ns pulse width.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Leakage Current
V
IN = VSS to VCC
–1.0
1.0
µA
I
LO
Output Leakage Current
CE1#s = V
IH, CE2s = VIL or OE# = VIH or
WE# = V
IL, VIO= VSS to VCC
–1.0
1.0
µA
I
CC1s
Operating Current
Cycle time = Min., I
IO = 0 mA, 100% duty,
CE1#s = V
IL, CE2s = VIH, VIN = VIL = or VIH,
t
RC = Min.
40
mA
I
CC2s
Page Access Operating
Current
Cycle time = Min., I
IO = 0 mA, 100% duty,
CE1#s = V
IL, CE2s = VIH, VIN = VIL = or VIH,
t
PC = Min.
25
mA
V
OL
Output Low Voltage
I
OL = 1.0 mA
0.4
V
V
OH
Output High Voltage
I
OH = –0.5 mA
2
V
I
SB
Standby Current (CMOS)
CE#1 = V
CCS – 0.2 V, CE2 = VCCS – 0.2 V
70
µA
I
DSB
Deep Power-down Standby
CE2 = 0.2 V
5
µA
V
IL
Input Low Voltage
–0.3
(Note 1)
0.4
V
V
IH
Input High Voltage
2.4
V
CC +
0.3
(Note 2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com