Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000S Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # M49000000S
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000S Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button M49000000S Datasheet HTML 7Page - Advanced Micro Devices M49000000S Datasheet HTML 8Page - Advanced Micro Devices M49000000S Datasheet HTML 9Page - Advanced Micro Devices M49000000S Datasheet HTML 10Page - Advanced Micro Devices M49000000S Datasheet HTML 11Page - Advanced Micro Devices M49000000S Datasheet HTML 12Page - Advanced Micro Devices M49000000S Datasheet HTML 13Page - Advanced Micro Devices M49000000S Datasheet HTML 14Page - Advanced Micro Devices M49000000S Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
10
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
MCP DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Tables 1-2 lists the device bus operations, the
inputs and control levels they require, and the result-
ing output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations—Flash Word Mode, CIOf = V
IH
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = pSRAM Address Input, Byte Mode,
SADD = Flash Sector Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1.
Other operations except for those indicated in this column are
inhibited.
2.
Do not apply CE#f = V
IL, CE1#s = VIL and CE2s = VIH at the same
time.
3.
Don’t care or open LB#s or UB#s.
4.
If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC
= V
IH the boot sectors protection will be removed.
If WP#/ACC = VACC (9V), the program time will be reduced by
40%.
5.
The sector protect and sector unprotect functions may also be
implemented via programming equipment. See the “Autoselect
Mode” section.
6.
If WP#/ACC = V
IL, the two outermost boot sectors remain
protected. If WP#/ACC = V
IH, the two outermost boot sector
protection depends on whether they were last protected or
unprotected using the method described in “Autoselect Mode”. If
WP#/ACC = V
HH, all sectors will be unprotected.
7.
Data will be retained in pSRAM.
8.
Data will be lost in pSRAM.
Operation
(Notes 1, 2)
CE#f
CE1#s
CE2s
OE#
WE#
Address
LB#s
UB#s RESET#
WP#/ACC
(Note 4)
DQ7–
DQ0
DQ15–
DQ8
Read from
Flash
(Note 7)
L
HH
LH
A
IN
XX
H
L/H
D
OUT
D
OUT
(Note 8)
H
L
Write to Flash
(Note 7)
L
HH
HL
AIN
X
X
H
(Note 4)
DIN
DIN
(Note 8)
H
L
Standby
V
CC ±
0.3 V
HH
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Deep Power-down
Standby
V
CC ±
0.3 V
HL
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Output Disable
L
L
H
HH
X
X
X
H
L/H
High-Z
High-Z
HH
X
X
X
Flash Hardware
Reset
(Note 7)
X
HH
X
X
X
X
X
L
L/H
High-Z
High-Z
(Note 8)
H
L
Sector Protect
(Note 5)
(Note 7)
L
HH
HL
SADD, A6 = L,
A1 = H, A0 = L
XX
V
ID
L/H
D
IN
X
(Note 8)
H
L
Sector
Unprotect
(Note 5)
(Note 7)
L
HH
HL
SADD, A6 = H,
A1 = H, A0 = L
XX
V
ID
(Note 6)
D
IN
X
(Note 8)
H
L
Temporary
Sector
Unprotect
(Note 7)
X
HH
XX
X
X
X
V
ID
(Note 6)
D
IN
High-Z
(Note 8)
H
L
Read from pSRAM
H
L
H
L
H
AIN
LL
HX
D
OUT
D
OUT
H
L
High-Z
DOUT
LH
DOUT
High-Z
Write to pSRAM
H
L
H
X
L
A
IN
LL
HX
DIN
DIN
H
L
High-Z
D
IN
LH
D
IN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com