Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000S Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # M49000000S
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000S Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button M49000000S Datasheet HTML 6Page - Advanced Micro Devices M49000000S Datasheet HTML 7Page - Advanced Micro Devices M49000000S Datasheet HTML 8Page - Advanced Micro Devices M49000000S Datasheet HTML 9Page - Advanced Micro Devices M49000000S Datasheet HTML 10Page - Advanced Micro Devices M49000000S Datasheet HTML 11Page - Advanced Micro Devices M49000000S Datasheet HTML 12Page - Advanced Micro Devices M49000000S Datasheet HTML 13Page - Advanced Micro Devices M49000000S Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
July 19, 2002
Am49DL32xBG
9
P R E L I M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am49DL32x
B
G
T
70
I
T
TAPE AND REEL
T=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5.
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
PSEUDO SRAM DEVICE DENSITY
B=
32 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am49DL32xBG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL32xG 32Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation
Flash Memory and 32 Mbit (2 M x 16-Bit) Pseudo Static RAM with Page Mode
Valid Combinations
Order Number
Package Marking
Am49DL322BGT70
T,S
M49000000J
Am49DL322BGT85
T,S
M49000000K
Am49DL322BGB70
T,S
M49000000L
Am49DL322BGB85
T,S
M49000000M
Am49DL323BGT70
T,S
M49000000N
Am49DL323BGT85
T,S
M49000000O
Am49DL323BGB70
T,S
M49000000P
Am49DL323BGB85
T,S
M49000000Q
Am49DL324BGT70
T,S
M49000000R
Am49DL324BGT85
T,S
M49000000S
Am49DL324BGB70
T,S
M49000000T
Am49DL324BGB85
T,S
M49000000U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com