Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6402ML11RI Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # L6402ML11RI
Description  128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L6402ML11RI Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button L6402ML11RI Datasheet HTML 17Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 18Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 19Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 20Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 21Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 22Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 23Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 24Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
January 23, 2006
Am29LV6402M
19
SecSi (Secured Silicon) Sector Flash
Memory Region
The SecSi (Secured Silicon) Sector feature provides a
Flash memory region that enables permanent part
identification through an Electronic Serial Number
(ESN). The SecSi Sector is 128 doublewords/256
words in length, and uses SecSi Sector Indicator Bits
(DQ7 and DQ15) to indicate whether or not the SecSi
Sector is locked when shipped from the factory. These
bits are permanently set at the factory and cannot be
changed, which prevents cloning of a factory locked
part. This ensures the security of the ESN once the
product is shipped to the field.
AMD offers the device with the SecSi Sector either
fa ctor y locke d or custom er lock able. T he fa c-
tory-locked version is always protected when shipped
from the factory, and has the SecSi (Secured Silicon)
Sector Indicator Bits permanently set to a “1.” The cus-
tomer-lockable version is shipped with the SecSi Sec-
tor unprotected, allowing customers to program the
sector after receiving the device. The customer-lock-
able version also has the SecSi Sector Indicator Bit
permanently set to a “0.” Thus, the SecSi Sector Indi-
cator Bits prevent customer-lockable devices from
being used to replace devices that are factory locked.
The SecSi sector address space in this device is allo-
cated as follows:
Table 5.
SecSi Sector Contents
The system accesses the SecSi Sector through a
command sequence (see “Enter SecSi Sector/Exit
SecSi Sector Command Sequence”). After the system
has written the Enter SecSi Sector command se-
quence, it may read the SecSi Sector by using the ad-
dresses normally occupied by the first sector (SA0).
This mode of operation continues until the system is-
sues the Exit SecSi Sector command sequence, or
until power is removed from the device. On power-up,
or following a hardware reset, the device reverts to
sending commands to sector SA0.
Factory Locked: SecSi Sector Programmed and
Protected At the Factory
In devices with an ESN, the SecSi Sector is protected
when the device is shipped from the factory. The SecSi
Sector cannot be modified in any way. A factory locked
device has an 8-doubleword/16-word random ESN at
addresses 000000h–000007h.
Customers may opt to have their code programmed by
AMD through the AMD ExpressFlash service. The de-
vices are then shipped from AMD’s factory with the
SecSi Sector permanently locked. Contact an AMD
representative for details on using AMD’s Express-
Flash service.
Customer Lockable: SecSi Sector NOT
Programmed or Protected At the Factory
As an alternative to the factory-locked version, the de-
vice may be ordered such that the customer may pro-
gram and protect the 128-doubleword/256 word SecSi
sector.
The system may program the SecSi Sector using the
write-buffer, accelerated and/or unlock bypass meth-
ods, in addition to the standard programming com-
mand sequence. See To reduce power consumption
read Lower Byte only..
Programming and protecting the SecSi Sector must be
used with caution since, once protected, there is no
procedure available for unprotecting the SecSi Sector
area and none of the bits in the SecSi Sector memory
space can be modified in any way.
The SecSi Sector area can be protected using one of
the following procedures:
■ Write the three-cycle Enter SecSi Sector Region
command sequence, and then follow the in-system
sector protect algorithm as shown in Figure 2, ex-
cept that RESET# may be at either V
IH or VID. This
allows in-system protection of the SecSi Sector
without raising any device pin to a high voltage.
Note that this method is only applicable to the SecSi
Sector.
■ To verify the protect/unprotect status of the SecSi
Sector, follow the algorithm shown in Figure 3.
Once the SecSi Sector is programmed, locked and
verified, the system must write the Exit SecSi Sector
Region command sequence to return to reading and
writing within the remainder of the array.
SecSi Sector
Address Range
Standard
Factory
Locked
ExpressFlash
Factory Locked
Customer
Lockable
x32
x16
000000h–
000007h
000000h–
00000Fh
ESN
ESN or
determined by
customer
Determined by
customer
000008h–
00007Fh
000010h–
0000FFh
Unavailable
Determined by
customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com