Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6402ML11RI Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # L6402ML11RI
Description  128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L6402ML11RI Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button L6402ML11RI Datasheet HTML 35Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 36Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 37Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 38Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 39Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 40Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 41Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 42Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
January 23, 2006
Am29LV6402M
37
DQ1: Write-to-Buffer Abort
DQ1 indicates whether a Write-to-Buffer operation
was aborted. Under these conditions DQ1 and DQ9
pr odu ce a “1 ”. T h e sy stem m u st issue the
Write-to-Buffer-Abort-Reset command sequence to re-
turn the device to reading array data. See Write Buffer
Programming section for more details.
Table 12.
Write Operation Status
Notes:
1. DQ5 and DQ13 switch to ‘1’ when an Embedded Program, Embedded Erase, or Write-to-Buffer operation has exceeded the
maximum timing limits. Refer to the section on DQ5 and DQ13 for more information.
2. DQ7 and DQ15 and DQ2 and DQ10 require a valid address when reading status information. Refer to the appropriate subsection
for further details.
3. The Data# Polling algorithm should be used to monitor the last loaded write-buffer address location.
4. DQ1 and DQ9 switch to ‘1’ when the device has aborted the write-to-buffer operation.
Status
DQ7/DQ15
(Note 2)
DQ6/DQ14
DQ5/
DA13
(Note 1)
DQ3/
DQ11
DQ2/DQ10
(Note 2)
DQ1/
DQ9
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7/DA15#
Toggle
0
N/A
No toggle
0
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
N/A
0
Program
Suspend
Mode
Program-
Suspend
Read
Program-Suspended
Sector
Invalid (not allowed)
1
Non-Program
Suspended Sector
Data
1
Erase
Suspend
Mode
Erase-
Suspend
Read
Erase-Suspended
Sector
1
No toggle
0
N/A
Toggle
N/A
1
Non-Erase
Suspended Sector
Data
1
Erase-Suspend-Program
(Embedded Program)
DQ7/DQ15#
Toggle
0
N/A
N/A
N/A
0
Write-to-
Buffer
Busy (Note 3)
DQ7/DQ15#
Toggle
0
N/A
N/A
0
0
Abort (Note 4)
DQ7/DQ15#
Toggle
0
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com