Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2227_06 Datasheet HTML 7Page - SMSC Corporation USB2227_06 Datasheet HTML 8Page - SMSC Corporation USB2227_06 Datasheet HTML 9Page - SMSC Corporation USB2227_06 Datasheet HTML 10Page - SMSC Corporation USB2227_06 Datasheet HTML 11Page - SMSC Corporation USB2227_06 Datasheet HTML 12Page - SMSC Corporation USB2227_06 Datasheet HTML 13Page - SMSC Corporation USB2227_06 Datasheet HTML 14Page - SMSC Corporation USB2227_06 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2227/USB2228
11
Revision 1.91 (10-13-06)
DATASHEET
Chapter 5 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted state occurs when the signal
is at a low voltage level. When “n” is not present before the signal name, the signal is asserted when
at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signal. The term assert, or assertion indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation indicates that a signal is inactive.
5.1
PIN Descriptions
SYMBOL
128-PIN
VTQFP
124-PIN
DQFN
BUFFER
TYPE
DESCRIPTION
CompactFlash (In True IDE mode) INTERFACE
CF_nCS1
61
A31
O8PU
CF Chip Select 1:
This pin is the active low chip select 1 signal for the CF
ATA device.
CF_nCS0
60
B28
O8PU
CF Chip Select 0:
This pin is the active low chip select 0 signal for the task
file registers of CF ATA device in the True IDE mode.
CF_SA2
64
B30
O8
CF Register Address 2:
This pin is the register select address bit 2 for the CF
ATA device.
CF_SA1
63
A32
O8
CF Register Address 1:
This pin is the register select address bit 1 for the CF
ATA device.
CF_SA0
62
B29
O8
CF Register Address 0:
This pin is the register select address bit 0 for the CF
ATA device.
CF_IRQ
55
B26
IPD
CF Interrupt:
This is the active high interrupt request signal from the
CF device.
CF_D[15:8]
52
51
50
48
46
45
41
40
A26
B24
A25
A24
B22
A23
A21
A20
I/O8PD
CF Data 15-8:
The bi-directional data signals CF_D15-CF_D8 in True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com