Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2227_06 Datasheet HTML 4Page - SMSC Corporation USB2227_06 Datasheet HTML 5Page - SMSC Corporation USB2227_06 Datasheet HTML 6Page - SMSC Corporation USB2227_06 Datasheet HTML 7Page - SMSC Corporation USB2227_06 Datasheet HTML 8Page - SMSC Corporation USB2227_06 Datasheet HTML 9Page - SMSC Corporation USB2227_06 Datasheet HTML 10Page - SMSC Corporation USB2227_06 Datasheet HTML 11Page - SMSC Corporation USB2227_06 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.91 (10-13-06)
8
SMSC USB2227/USB2228
DATASHEET
Chapter 3 Pin Configuration
Figure 3.1 USB2227/USB2228 128-Pin VTQFP
97
VSS
98
RBIAS
99
ATEST
100
VDD33
101
VDD18PLL
102
XTAL1
103
XTAL2
104
VSSPLL
105
GPIO9
106
VDD18
107
GPIO7
108
VDD33
109
GPIO6/ROMEN
110
GPIO5
111
GPIO4
112
VSS
113
GPIO2
114
GPIO1
115
nRESET
116
MA0
117
MA1
118
MA2
119
MA3
120
MA4
121
MA5
122
MA6
123
MA7
124
MA8
125
MA9
126
MA10
127
MA11
128
MA12
64
CF_SA2
63
CF_SA1
62
CF_SA0
61
CF_nCS1
60
CF_nCS0
59
CF_nRESET
58
CF_nIOW
57
CF_nIOR
56
CF_IORDY
55
CF_IRQ
54
CF_nCD2
53
CF_nCD1
52
CF_D15
51
CF_D14
50
CF_D13
49
VDD18
48
CF_D12
47
VSS
46
CF_D11
45
CF_D10
44
GPIO11
43
VDD33
42
GPIO8
41
CF_D9
40
CF_D8
39
CF_D7
38
CF_D6
37
CF_D5
36
CF_D4
35
CF_D3
34
CF_D2
33
CF_D1
SMSC USB2227/2228
TQFP 128
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com