Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2227_06 Datasheet HTML 12Page - SMSC Corporation USB2227_06 Datasheet HTML 13Page - SMSC Corporation USB2227_06 Datasheet HTML 14Page - SMSC Corporation USB2227_06 Datasheet HTML 15Page - SMSC Corporation USB2227_06 Datasheet HTML 16Page - SMSC Corporation USB2227_06 Datasheet HTML 17Page - SMSC Corporation USB2227_06 Datasheet HTML 18Page - SMSC Corporation USB2227_06 Datasheet HTML 19Page - SMSC Corporation USB2227_06 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.91 (10-13-06)
16
SMSC USB2227/USB2228
DATASHEET
XTAL1/
CLKIN
102
A51
ICLKx
Crystal Input/External Clock Input:
24Mhz Crystal or external clock input.
This pin can be connected to one terminal of the crystal
or can be connected to an external 24Mhz clock when
a crystal is not used.
Note:
The ‘MA[2:0] pins will be sampled while
nRESET is asserted, and the value will be
latched upon nRESET negation. This will
determine the clock source and value.
XTAL2
103
B49
OCLKx
Crystal Output:
24Mhz Crystal
This is the other terminal of the crystal, or left open when
an external clock source is used to drive XTAL1/CLKIN.
It may not be used to drive any external circuitry other
than the crystal circuit.
MEMORY/IO INTERFACE
MD[7:0]
12
11
10
9
8
7
6
5
B6
A6
B5
A5
A4
B4
A3
B3
I/O8PU
Memory Data Bus:
When ROMEN bit of GPIO_IN1 register = 0, these
signals are used to transfer data between the internal
CPU and the external program memory.
These pins have internally controlled weak pull-up
resistors.
MA[15:3]
4
2
1
128
127
126
125
124
123
122
121
120
119
A2
A1
B1
B60
A64
B59
A63
B58
A62
B57
A61
A60
B56
O8
Memory Address Bus:
These signals address memory locations within the
external memory.
SYMBOL
128-PIN
VTQFP
124-PIN
DQFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com