Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2005_07 Datasheet HTML 13Page - SMSC Corporation USB2005_07 Datasheet HTML 14Page - SMSC Corporation USB2005_07 Datasheet HTML 15Page - SMSC Corporation USB2005_07 Datasheet HTML 16Page - SMSC Corporation USB2005_07 Datasheet HTML 17Page - SMSC Corporation USB2005_07 Datasheet HTML 18Page - SMSC Corporation USB2005_07 Datasheet HTML 19Page - SMSC Corporation USB2005_07 Datasheet HTML 20Page - SMSC Corporation USB2005_07 Datasheet HTML 21Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
SMSC USB2005
17
Revision 0.2 (01-16-07)
DATASHEET
Chapter 8 DC Parameters
8.1
Maximum Guaranteed Ratings
Operating Temperature Range ............................................................................................0oC to +70oC
Storage Temperature Range............................................................................................. -55o to +150oC
Lead Temperature Range (soldering, 10 seconds) ...................................................................... +325oC
Positive Voltage on any pin, with respect to Ground ........................................................................ 5.5V
Negative Voltage on any pin, with respect to Ground ..................................................................... -0.3V
Maximum VDDA, VDDIO..................................................................................................................... +4.0V
Maximum VDD, VDDP........................................................................................................................ +3.0V
*Stresses above the specified parameters could cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies
exhibit voltage spikes on their outputs when the AC power is switched on or off. In addition,
voltage transients on the AC power line may appear on the DC output. When this possibility
exists, it is suggested that a clamp circuit be used.
8.2
DC Electrical Characteristics
(TA = 0°C - 70°C, VDDIO, VDDA = +3.3 V ± 10%, VDD, VDDP = +2.5 V ± 10%,)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
µA
VIN = 0
VIN = VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com