Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2005_07 Datasheet HTML 13Page - SMSC Corporation USB2005_07 Datasheet HTML 14Page - SMSC Corporation USB2005_07 Datasheet HTML 15Page - SMSC Corporation USB2005_07 Datasheet HTML 16Page - SMSC Corporation USB2005_07 Datasheet HTML 17Page - SMSC Corporation USB2005_07 Datasheet HTML 18Page - SMSC Corporation USB2005_07 Datasheet HTML 19Page - SMSC Corporation USB2005_07 Datasheet HTML 20Page - SMSC Corporation USB2005_07 Datasheet HTML 21Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (01-16-07)
18
SMSC USB2005
DATASHEET
Note 8.1
Output leakage is measured with the current pins in high impedance.
Note 8.2
Output leakage is valid only on pins without internal weak pull ups or pull downs.
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @
VDDIO = 3.3V
IOH = -4mA @
VDDIO = 3.3V
VIN = 0 to VDDIO
(Note 8.1)
I/O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @
VDDIO = 3.3V
IOH = -4 mA @
VDDIO = 3.3V
VIN = 0 to VDDIO
(Note 8.1, 8.2)
I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12 mA @
VDDIO = 3.3V
IOH = -6mA @
VDDIO = 3.3V
VIN = 0 to VDDIO
(Note 8.1, 8.2)
I/O20 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 20 mA @
VDDIO = 3.3V
IOH = -5 mA @
VDDIO = 3.3V
VIN = 0 to VDDIO
(Note 8.1, 8.2)
IO-U
Supply Current Unconfigured
ICCINIT
65
85
mA
mA
VDDIO, VDDA
VDD, VDDP
Supply Current Active
ICC
85
120
mA
mA
VDDIO, VDDA
VDD, VDDP
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com