Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2005_07 Datasheet HTML 13Page - SMSC Corporation USB2005_07 Datasheet HTML 14Page - SMSC Corporation USB2005_07 Datasheet HTML 15Page - SMSC Corporation USB2005_07 Datasheet HTML 16Page - SMSC Corporation USB2005_07 Datasheet HTML 17Page - SMSC Corporation USB2005_07 Datasheet HTML 18Page - SMSC Corporation USB2005_07 Datasheet HTML 19Page - SMSC Corporation USB2005_07 Datasheet HTML 20Page - SMSC Corporation USB2005_07 Datasheet HTML 21Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
SMSC USB2005
19
Revision 0.2 (01-16-07)
DATASHEET
CAPACITANCE TA = 25°C; fc = 1MHz; VDD = 2.5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
All pins except USB pins
(and pins under test tied to
AC ground)
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com