Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 36 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 36 Page - SPANSION

Back Button AM29F004B Datasheet HTML 29Page - SPANSION AM29F004B Datasheet HTML 30Page - SPANSION AM29F004B Datasheet HTML 31Page - SPANSION AM29F004B Datasheet HTML 32Page - SPANSION AM29F004B Datasheet HTML 33Page - SPANSION AM29F004B Datasheet HTML 34Page - SPANSION AM29F004B Datasheet HTML 35Page - SPANSION AM29F004B Datasheet HTML 36Page - SPANSION AM29F004B Datasheet HTML 37Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
34
Am29F004B
Am29F004B_00_E4 May 9, 2006
D A TA
SH EE T
REVISION SUMMARY
Revision A (January 1999)
Initial release.
Revision B (March 10, 1999)
Global
Revised document into full data sheet.
Revision B+1 (March 18, 1999)
In-System Sector Protect/Sector Unprotect
Algorithms figure
Added requirements for asserting address A5 and setting
OE# to VIH during both algorithms.
Command Definitions table
Added A5 requirement to definition for SA+ in the legend. In
the fourth cycle of the Sector Relock sequence, changed
address from XXX to SA+.
Sector Protect/Unprotect Timing Diagram
Modified drawing to indicate that OE# should be dropped to
VIH during the third cycle.
Revision B+2 (May 14, 1999)
Ordering Information
Changed the temperature range in the example to I.
Device Bus Operation table
Corrected the highest bit in the address range column header
to A18.
Command Definitions table
In Note 4, changed the address range for bits that are don’t
care to A18–A12.
DC Characteristics table
In Note 5, deleted reference to ICC4.
Read Operations Timings and Alternate CE#
Controlled Write Operations figures
Deleted RESET# waveform.
Revision B+3 (July 12, 1999)
Global
Deleted all references to the PDIP package. Changed data
sheet status to Preliminary.
In-System Sector Protect/Unprotect Algorithms
figure
Added tolerance specifications to the 150 µs and 15 ms waits.
Clarified that reading from the sector address during either
sector protect or unprotect algorithm requires an access time
of 1 µs.
Revision C (November 12, 1999)
AC Characteristics—Figure 11, Program
Operations Timing and Figure 12, Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D (February 22, 2000)
Global
The “preliminary” designation was removed from the docu-
ment. Parameters are now stable, and only speed, package,
and temperature range combinations are expected to change
in future data sheet revisions.
Revision E (November 29, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Table , Command Definitions
In Note 4, corrected lower address bit of don’t care range to
A11.
Revision E+1 (March 28, 2005)
Global
Added Colophon
Updated Trademark
Ordering Information
Added Pb-free temperature ranges for Industrial and
Extended packaging
Added Valid Combination Codes
Revision E+2 (July 26, 2005)
Global
Removed all 55 ns information from the Datasheet.
Revision E+3 (December 23, 2005)
Global
Eliminated 120 speed option from entire document.
Revision E4 (May 9, 2006)
Added “Not recommended for new designs” note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com