Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 18 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 18 Page - SPANSION

Back Button AM29F004B Datasheet HTML 14Page - SPANSION AM29F004B Datasheet HTML 15Page - SPANSION AM29F004B Datasheet HTML 16Page - SPANSION AM29F004B Datasheet HTML 17Page - SPANSION AM29F004B Datasheet HTML 18Page - SPANSION AM29F004B Datasheet HTML 19Page - SPANSION AM29F004B Datasheet HTML 20Page - SPANSION AM29F004B Datasheet HTML 21Page - SPANSION AM29F004B Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
16
Am29F004B
Am29F004B_00_E4 May 9, 2006
D A TA
SH EE T
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the falling edge of the WE# or CE# pulse, whichever
happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A18–A13 uniquely select any sector.
SA+ = The sector address must be asserted in combination with A0
= 0, A1 = 1, A5 = 1, and A6 = 0 (for protect) or 1 (for unprotect).
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except when reading array or autoselect data, all bus cycles are
write operations.
4.
Address bits A18–A11 are don’t cares for unlock and command
cycles, except when PA or SA is required.
5.
No unlock or command cycles required when reading array data.
6.
The Reset command is required to return to reading array data
when device is in the autoselect mode, or if DQ5 goes high (while
the device is providing status data).
7.
The fourth cycle of the autoselect command sequence is a read
cycle.
8.
The data is 00h for an unprotected sector and 01h for a protected
sector. See Autoselect Command Sequence on page 13 for
more information.
9.
To activate the sequence, OE# must be at VID.
10. The sector relock command in the second cycle may be written
as either 00h or F0h.
11. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
12. The Erase Resume command is valid only during the Erase Sus-
pend mode.
Table 5.
Am29F004B Command Definitions
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Autoselect
(Note 7)
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID,
Top Boot Block
4
555
AA
2AA
55
555
90
X01
77
Device ID,
Bottom Boot Block
4
555
AA
2AA
55
555
90
X01
7B
Sector Protect Verify
(Note 8)
4
555
AA
2AA
55
555
90
(SA)
X02
00
01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 11)
1
XXX
B0
Erase Resume (Note 12)
1
XXX
30
Temporary
Sector
Unprotect
Mode (Note
9)
Enter TSU Mode
3
555
AA
2AA
55
555
20
Program
2
XXX
A0
PA
PD
Sector Erase
4
XXX
80
XXX
AA
XXX
55
SA
30
Chip Erase
4
XXX
80
XXX
AA
XXX
55
555
10
Sector Unlock (Note 9)
3
555
AA
2AA
55
555
24
SA+
60
SA+
60
SA+
40
Sector Relock (Notes 9, 10)
2
XXX
90
XXX
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com