Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 13 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 13 Page - SPANSION

Back Button AM29F004B Datasheet HTML 9Page - SPANSION AM29F004B Datasheet HTML 10Page - SPANSION AM29F004B Datasheet HTML 11Page - SPANSION AM29F004B Datasheet HTML 12Page - SPANSION AM29F004B Datasheet HTML 13Page - SPANSION AM29F004B Datasheet HTML 14Page - SPANSION AM29F004B Datasheet HTML 15Page - SPANSION AM29F004B Datasheet HTML 16Page - SPANSION AM29F004B Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
May 9, 2006 Am29F004B_00_E4
Am29F004B
11
D A TA
SH EE T
Figure 1.
In-System Sector Protect/Sector Unprotect Algorithms
Sector Protect:
Write 60h to sector
address with
A6 = 0, A5 = 1,
A1 = 1, A0 = 0
Set up sector
address
Wait 150 ± 15 µs
Verify Sector
Protect: Write 40h
to sector address
with A6 = 0,
A1 = 1, A0 = 0
Read from
sector address
with A6 = 0,
A1 = 1, A0 = 0
(requires 1 µs
access time)
START
PLSCNT = 1
Set OE# = VID.
Write Sector
Unlock sequence
with command 24h
Wait 1
μs
Data = 01h?
Set OE# = VID.
Write Sector
Relock sequence.
Set OE# = VIH.
Sector Protect
complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Sector Unprotect:
Write 60h to sector
address with
A6 = 1, A5 = 1,
A1 = 1, A0 = 0
Set up first sector
address
Wait 15 ± 1.5 ms
Verify Sector
Unprotect: Write
40h to sector
address with
A6 = 1, A1 = 1,
A0 = 0
Read from
sector address
with A6 = 1,
A1 = 1, A0 = 0
(requires 1 µs
access time)
START
PLSCNT = 1
Set OE# = VID.
Write Sector
Unlock sequence
with command 24h
Wait 1
μs
Data = 00h?
Last sector
verified?
Sector Unprotect
complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
No
All sectors
protected?
Protect all sectors:
The indicated portion
of the sector protect
algorithm must be
performed for all
unprotected sectors
prior to issuing the
first sector
unprotect address
Set up
next sector
address
No
No
Yes
No
Yes
No
Sector Protect
Algorithm
Sector Unprotect
Algorithm
Write 60h to
any address with
A6 = 1, A5 = 1,
A1 = 1, A0 = 0
Write 60h to any
address with
A6 = 0, A5 = 1,
A1 = 1, A0 = 0
Protect another
sector?
Reset
PLSCNT = 1
Set OE# = VID.
Write Sector
Relock sequence.
Set OE# = VIH.
Set OE# = VIL
Set OE# = VIH
Set OE# = VIH
Set OE# = VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com