Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000008 Datasheet(PDF) 47 Page - SPANSION

Part # M750000008
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000008 Datasheet(HTML) 47 Page - SPANSION

Back Button M750000008 Datasheet HTML 43Page - SPANSION M750000008 Datasheet HTML 44Page - SPANSION M750000008 Datasheet HTML 45Page - SPANSION M750000008 Datasheet HTML 46Page - SPANSION M750000008 Datasheet HTML 47Page - SPANSION M750000008 Datasheet HTML 48Page - SPANSION M750000008 Datasheet HTML 49Page - SPANSION M750000008 Datasheet HTML 50Page - SPANSION M750000008 Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
February 5, 2004
Am75PDL191CHH/Am75PDL193CHH
45
ADV ANCE
I N FO RMAT I O N
Figure 3.
SecSi Protection Algorithm
START
SecSiTM Sector Entry
Write AAh to address 555h
Write 55h to address 2AAh
Write 88h to address 555h
SecSi Sector
Protection Entry
Write AAh to address 555h
Write 55h to address 2AAh
Write 60h to address 555h
PLSCNT = 1
Protect SecSi Sector:
write 68h to sector address
with A7–A0 = 00011010
Time out 256
µs
Read from sector address
(SA0 + 1Ah)
Data = 01h?
Yes
Yes
SecSi Sector
Protection Completed
SecSi Sector Exit
Write 555h/AAh
Write 2AAh/55h
Write SA0+555h/90h
Write XXXh/00h
Verify SecSi Sector:
write 48h to sector address
with A7–A0 = 00011010
Increment PLSCNT
PLSCNT = 25?
Device Failed
SecSi Sector Entry
SecSi Sector Protection
SecSi Sector Exit
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com