Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000008 Datasheet(PDF) 86 Page - SPANSION

Part # M750000008
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000008 Datasheet(HTML) 86 Page - SPANSION

Back Button M750000008 Datasheet HTML 82Page - SPANSION M750000008 Datasheet HTML 83Page - SPANSION M750000008 Datasheet HTML 84Page - SPANSION M750000008 Datasheet HTML 85Page - SPANSION M750000008 Datasheet HTML 86Page - SPANSION M750000008 Datasheet HTML 87Page - SPANSION M750000008 Datasheet HTML 88Page - SPANSION M750000008 Datasheet HTML 89Page - SPANSION M750000008 Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
84
Am75PDL191CHH/Am75PDL193CHH
February 5, 2004
ADV ANCE
I N FO RMAT I O N
Bank 3
SA71
1000000xxx
32
200000h–207FFFh
SA72
1000001xxx
32
208000h–20FFFFh
SA73
1000010xxx
32
210000h–217FFFh
SA74
1000011xxx
32
218000h–21FFFFh
SA75
1000100xxx
32
220000h–227FFFh
SA76
1000101xxx
32
228000h–22FFFFh
SA77
1000110xxx
32
230000h–237FFFh
SA78
1000111xxx
32
238000h–23FFFFh
SA79
1001000xxx
32
240000h–247FFFh
SA80
1001001xxx
32
248000h–24FFFFh
SA81
1001010xxx
32
250000h–257FFFh
SA82
1001011xxx
32
258000h–25FFFFh
SA83
1001100xxx
32
260000h–267FFFh
SA84
1001101xxx
32
268000h–26FFFFh
SA85
1001110xxx
32
270000h–277FFFh
SA86
1001111xxx
32
278000h–27FFFFh
SA87
1010000xxx
32
280000h–28FFFFh
SA88
1010001xxx
32
288000h–28FFFFh
SA89
1010010xxx
32
290000h–297FFFh
SA90
1010011xxx
32
298000h–29FFFFh
SA91
1010100xxx
32
2A0000h–2A7FFFh
SA92
1010101xxx
32
2A8000h–2AFFFFh
SA93
1010110xxx
32
2B0000h–2B7FFFh
SA94
1010111xxx
32
2B8000h–2BFFFFh
SA95
1011000xxx
32
2C0000h–2C7FFFh
SA96
1011001xxx
32
2C8000h–2CFFFFh
SA97
1011010xxx
32
2D0000h–2D7FFFh
SA98
1011011xxx
32
2D8000h–2DFFFFh
SA99
1011100xxx
32
2E0000h–2E7FFFh
SA100
1011101xxx
32
2E8000h–2EFFFFh
SA101
1011110xxx
32
2F0000h–2FFFFFh
SA102
1011111xxx
32
2F8000h–2FFFFFh
SA103
1100000xxx
32
300000h–307FFFh
SA104
1100001xxx
32
308000h–30FFFFh
SA105
1100010xxx
32
310000h–317FFFh
SA106
1100011xxx
32
318000h–31FFFFh
SA107
1100100xxx
32
320000h–327FFFh
SA108
1100101xxx
32
328000h–32FFFFh
SA109
1100110xxx
32
330000h–337FFFh
SA110
1100111xxx
32
338000h–33FFFFh
SA111
1101000xxx
32
340000h–347FFFh
SA112
1101001xxx
32
348000h–34FFFFh
SA113
1101010xxx
32
350000h–357FFFh
SA114
1101011xxx
32
358000h–35FFFFh
SA115
1101100xxx
32
360000h–367FFFh
SA116
1101101xxx
32
368000h–36FFFFh
SA117
1101110xxx
32
370000h–377FFFh
SA118
1101111xxx
32
378000h–37FFFFh
Table 2.
Am29DL640H Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kwords)
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com