Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000008 Datasheet(PDF) 18 Page - SPANSION

Part # M750000008
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000008 Datasheet(HTML) 18 Page - SPANSION

Back Button M750000008 Datasheet HTML 14Page - SPANSION M750000008 Datasheet HTML 15Page - SPANSION M750000008 Datasheet HTML 16Page - SPANSION M750000008 Datasheet HTML 17Page - SPANSION M750000008 Datasheet HTML 18Page - SPANSION M750000008 Datasheet HTML 19Page - SPANSION M750000008 Datasheet HTML 20Page - SPANSION M750000008 Datasheet HTML 21Page - SPANSION M750000008 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
16
Am75PDL191CHH/Am75PDL193CHH
February 5, 2004
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am75PDL19
1
C
H
H
70
N
TEMPERATURE RANGE
N
=
Light Industrial (–25
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5.
PROCESS TECHNOLOGY OF AM29DL640
H
=
0.13 µm
PROCESS TECHNOLOGY OF AM29PDL127/129
H
=
0.13 µm
PSEUDO SRAM DEVICE DENSITY
C
=
64 Mbits
CONTROL PINS
1
=
1 CE Flash
3
=
2 CE Flash
AMD DEVICE NUMBER/DESCRIPTION
Am75PDL191CHH/Am75PDL193CHH
Am29PDL127H/129H–128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory, One Chip Enable Input on Am29PDL127H, Dual Chip Enable
Inputs on Am29PDL129H
Am29DL640H–64 Megabit (4M x 16-Bit) CMOS Flash Memory
64 Mb pSRAM
Valid Combinations for BGA Packages
Order Number
Package Marking
V
IO Range
Am75PDL191CHH70I
M750000008
2.7–3.3 V
Am75PDL193CHH70I
M750000009
2.7–3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com