Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRVL Datasheet(PDF) 2 Page - RFE international

Part # FRVL
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRVL Datasheet(HTML) 2 Page - RFE international

  FRVL Datasheet HTML 1Page - RFE international FRVL Datasheet HTML 2Page - RFE international FRVL Datasheet HTML 3Page - RFE international FRVL Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NO.
PQ28-122E
Product Specification and Approval Sheet Version 1 Page 2/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/06
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
VMAX=Maximum voltage device can withstand without damage at its rated current.
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: FRVL010-120F Tin plated copper clad steel, 24AWG.
Lead material: FRVL017-120F Tin plated copper, 24AWG.
Lead material: FRVL020-120F~FRVL070-120F and FRVL090-120F Tin plated copper, 22AWG.
Lead material: FRVL075-120F and FRVL100-120F~FRVL375-120F Tin plated copper, 20AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.
4. Production Dimensions (millimeter)
Fig. 1
FRVL010-120F~FRVL017-120F
Lead Size: 24AWG
φ0.51 mm Diameter
Fig. 2
FRVL020-120F~FRVL090-120F
Lead Size: 22AWG
φ0.65 mm Diameter
Fig. 3
FRVL110-120F~FRVL375-120F
Lead Size: 20AWG
φ0.81 mm Diameter
Fig. 4
FRVL075-120F~FRVL200-120F
Lead Size: 20AWG
φ0.81 mm Diameter
Part
Number
Fig.
A
B
C
D
E
F
Maximum
Maximum
Typical
Minimum
Maximum
Typical
FRVL010-120F
1
7.9
13.0
5.1
7.6
3.8
2.2
FRVL017-120F
1
7.9
13.0
5.1
7.6
3.8
2.2
FRVL020-120F
2
7.9
13.0
5.1
7.6
3.8
2.2
FRVL025-120F
2
7.9
13.0
5.1
7.6
3.8
2.2
FRVL030-120F
2
7.9
13.0
5.1
7.6
3.8
2.2
FRVL040-120F
2
8.2
14.2
5.1
7.6
3.8
2.2
FRVL050-120F
2
9.2
14.9
5.1
7.6
3.8
2.2
FRVL065-120F
2
9.7
14.9
5.1
7.6
3.8
2.2
FRVL070-120F
2
10.6
15.5
5.1
7.6
3.8
2.2
FRVL075-120F
4
10.9
17.0
5.1
7.6
4.1
2.2
FRVL090-120F
2
11.9
15.9
5.1
7.6
3.8
2.2
FRVL100-120F
4
11.5
20.1
5.1
7.6
4.1
2.2
FRVL110-120F
3
13.3
18.3
5.1
7.6
4.1
2.2
FRVL125-120F
4
14.0
21.7
5.1
7.6
4.1
2.2
FRVL130-120F
3
15.5
20.6
5.1
7.6
4.1
2.2
FRVL135-120F
4
16.3
21.7
5.1
7.6
4.1
2.2
FRVL160-120F
3
17.5
22.5
5.1
7.6
4.1
2.2
FRVL185-120F
3
19.9
24.9
5.1
7.6
4.1
2.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com