Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRVL Datasheet(PDF) 3 Page - RFE international

Part # FRVL
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRVL Datasheet(HTML) 3 Page - RFE international

  FRVL Datasheet HTML 1Page - RFE international FRVL Datasheet HTML 2Page - RFE international FRVL Datasheet HTML 3Page - RFE international FRVL Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NO.
PQ28-122E
Product Specification and Approval Sheet Version 1 Page 3/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/06
FRVL200-120F
4
23.5
27.9
10.2
7.6
4.1
2.2
FRVL250-120F
3
22.5
27.5
10.2
7.6
4.1
2.2
FRVL300-120F
3
25.5
30.0
10.2
7.6
4.1
2.2
FRVL375-120F
3
29.5
34.0
10.2
7.6
4.1
2.2
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FRVL Series
6. Typical Time-to-Trip at 23℃
0.01
0.1
1
10
100
1000
0.1
1
10
100
Fault current (A)
A
B C D E
F G H I J KLMN O PQ
A=FRVL010-120F
B=FRVL017-120F
C=FRVL020-120F
D=FRVL025-120F
E=FRVL030-120F
F=FRVL040-120F
G=FRVL050-120F
H=FRVL065-120F
I=FRVL070-120F
J=FRVL090-120F
K=FRVL110-120F
L=FRVL130-120F
M=FRVL160-120F
N=FRVL185-120F
O=FRVL250-120F
P=FRVL300-120F
Q=FRVL375-120F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com