Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRVL Datasheet(PDF) 1 Page - RFE international

Part # FRVL
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRVL Datasheet(HTML) 1 Page - RFE international

  FRVL Datasheet HTML 1Page - RFE international FRVL Datasheet HTML 2Page - RFE international FRVL Datasheet HTML 3Page - RFE international FRVL Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ28-122E
Product Specification and Approval Sheet Version 1 Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/06
Radial Leaded PTC Resettable Fuse: FRVL Series
1. Summary
(a) RoHS Compliant (Lead Free) product
(b) Applications: Wide variety of electronic equipment
(c) Product Features: Solid state, Radial leaded product ideal for up to 120VAC/DC
(d) Operation Current: 0.10A~3.75A
(e) Maximum Operating Voltage: 120VAC/DC
(f) Maximum Interrupt Voltage: 135VAC/DC
(g) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
*File No. E211981
TÜV:
File No. R50122733
*FRVL040-120F~FRVL070-120F and FRVL090-120F~FRVL130-120F C-UL In Process.
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Max. Oper.
Voltage
Max. Int.
Voltage
Typ.
Power
Resistance
RMIN
R1MAX
IH, A
IT, A
at 5XIH, s
IMAX, A VMAX, VAC/DC VI-MAX, VAC/DC Pd, W
Ohm
Ohm
FRVL010-120F
0.10
0.20
10.0
2.0
120
135
0.84
3.00
7.50
FRVL017-120F
0.17
0.34
10.0
2.0
120
135
0.84
2.00
7.00
FRVL020-120F
0.20
0.40
9.0
2.0
120
135
1.08
1.83
4.40
FRVL025-120F
0.25
0.50
7.5
3.0
120
135
1.08
1.25
3.00
FRVL030-120F
0.30
0.60
8.5
3.0
120
135
1.44
0.88
2.10
FRVL040-120F
0.40
0.80
6.5
3.0
120
135
1.44
0.55
1.29
FRVL050-120F
0.50
1.00
6.0
3.0
120
135
1.56
0.50
1.17
FRVL065-120F
0.65
1.30
5.7
5.0
120
135
1.68
0.31
0.72
FRVL070-120F
0.75
1.50
6.3
5.0
120
135
1.80
0.25
0.60
FRVL075-120F
0.75
1.50
15.0
7.5
120
135
2.64
0.25
0.69
FRVL090-120F
0.90
1.80
7.2
5.0
120
135
1.80
0.20
0.47
FRVL100-120F
1.00
2.00
15.0
10.0
120
135
2.64
0.18
0.47
FRVL110-120F
1.10
2.20
8.2
8.0
120
135
2.28
0.15
0.38
FRVL125-120F
1.25
2.50
20.0
12.5
120
135
2.88
0.11
0.33
FRVL130-120F
1.35
2.70
9.6
10.0
120
135
2.64
0.12
0.30
FRVL135-120F
1.35
2.70
20.0
13.5
120
135
3.12
0.11
0.30
FRVL160-120F
1.60
3.20
11.4
12.0
120
135
3.12
0.09
0.22
FRVL185-120F
1.85
3.70
12.6
12.0
120
135
3.36
0.08
0.19
FRVL200-120F
2.00
4.20
36.0
20.0
120
135
4.32
0.08
0.21
FRVL250-120F
2.50
5.00
15.6
15.0
120
135
4.44
0.05
0.13
FRVL300-120F
3.00
6.00
19.8
17.0
120
135
4.56
0.04
0.10
FRVL375-120F
3.75
7.50
24.0
20.0
120
135
4.80
0.03
0.08


Similar Part No. - FRVL

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FRVL FUZETEC-FRVL Datasheet
651Kb / 3P
III - Product - Radial Leaded PTC
logo
RFE international
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
Radial Leaded PPTC FRVL Series
logo
Fuzetec Technology Co.,...
FRVL010-120F FUZETEC-FRVL010-120F Datasheet
181Kb / 4P
Radial Leaded PTC Resettable Fuse : FRVL Series
FRVL010-120F FUZETEC-FRVL010-120F Datasheet
651Kb / 3P
III - Product - Radial Leaded PTC
FRVL017-120F FUZETEC-FRVL017-120F Datasheet
181Kb / 4P
Radial Leaded PTC Resettable Fuse : FRVL Series
More results

Similar Description - FRVL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com