Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA080505DR005SA Datasheet(PDF) 3 Page - RFE international

Part # LRMA080505DR005SA
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505DR005SA Datasheet(HTML) 3 Page - RFE international

  LRMA080505DR005SA Datasheet HTML 1Page - RFE international LRMA080505DR005SA Datasheet HTML 2Page - RFE international LRMA080505DR005SA Datasheet HTML 3Page - RFE international LRMA080505DR005SA Datasheet HTML 4Page - RFE international LRMA080505DR005SA Datasheet HTML 5Page - RFE international LRMA080505DR005SA Datasheet HTML 6Page - RFE international LRMA080505DR005SA Datasheet HTML 7Page - RFE international LRMA080505DR005SA Datasheet HTML 8Page - RFE international LRMA080505DR005SA Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
DIMENSION (unit : mm)
Page 3 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.03.23
L
T1
T1
T2
T2
W
H
L
W
Size : 0805
Size : 1206 ~4527
Siz e
C ode
R ating
Pow er
R es is tanc e
R ange (m Ω)
L
W
H
T1
T2
0.5
0.60 ± 0.20
0.75 ± 0.20
1
0.55 ± 0.20
1.5
0.45 ± 0.20
2
0.35 ± 0.20
2.5
0.45 ± 0.20
3 ~ 8
0.35 ± 0.20
9 ~ 13
0.37 ± 0.20
1
0.82 ± 0.254
2
0.70 ± 0.254
3
0.60 ± 0.254
4 ~ 20
0.55 ± 0.254
21 ~ 50
0.47 ± 0.254
51 ~ 75
0.40 ± 0.254
1
0.82 ± 0.254
2
0.70 ± 0.254
3
0.60 ± 0.254
4 ~ 20
0.55 ± 0.254
21 ~ 50
0.47 ± 0.254
1
0.82 ± 0.254
2
0.70 ± 0.254
3
0.60 ± 0.254
4 ~ 10
0.55 ± 0.254
0.5
0.82 ± 0.254
1.98 ± 0.254
2.00 ± 0.254
0.75
0.70 ± 0.254
1.98 ± 0.254
1
2.20 ± 0.254
1.5
1.40 ± 0.254
2 ~ 5
1.15 ± 0.254
6
0.55 ± 0.254
7 ~ 10
11 ~ 75
1.05 ± 0.254
76 ~ 100
0.55 ± 0.254
101 ~ 135
0.47 ± 0.254
136 ~ 200
201 ~ 450
0.85 ± 0.254
0.5
0.82 ± 0.254
1.98 ± 0.254
2.00 ± 0.254
0.75
0.70 ± 0.254
1.98 ± 0.254
1
2.20 ± 0.254
1.5
1.40 ± 0.254
2 ~ 5
1.15 ± 0.254
6
0.55 ± 0.254
0.75 ± 0.254
7 ~ 10
1.15 ± 0.254
11 ~ 75
76 ~ 100
0.55 ± 0.254
0.40 ± 0.20
-----
1206
3.20 ± 0.254
1.65 ± 0.254
0.5W
1W
0805
2.05 ± 0.25
1.30 ± 0.30
0.508 ± 0.254
0.508 ± 0.254
0.5W
0.75W
1W
1.5W
1W
2W
6.35 ± 0.254
1.10 ± 0.254
3W
2512
6.35 ± 0.254
3.05 ± 0.254
0.72 ± 0.254
0.60 ± 0.254
0.60 ± 0.254
1.15 ± 0.254
0.75 ± 0.254
1.10 ± 0.254
1.15 ± 0.254
0.75 ± 0.254
3.05 ± 0.254
0.72 ± 0.254
0.40 ± 0.254



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com