Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA080505DR005SA Datasheet(PDF) 9 Page - RFE international

Part # LRMA080505DR005SA
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505DR005SA Datasheet(HTML) 9 Page - RFE international

  LRMA080505DR005SA Datasheet HTML 1Page - RFE international LRMA080505DR005SA Datasheet HTML 2Page - RFE international LRMA080505DR005SA Datasheet HTML 3Page - RFE international LRMA080505DR005SA Datasheet HTML 4Page - RFE international LRMA080505DR005SA Datasheet HTML 5Page - RFE international LRMA080505DR005SA Datasheet HTML 6Page - RFE international LRMA080505DR005SA Datasheet HTML 7Page - RFE international LRMA080505DR005SA Datasheet HTML 8Page - RFE international LRMA080505DR005SA Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKING DIMENSION (mm)
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
Page 9 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Tape & Reel
2022.03.23
Reel Type / Tape
A
B
C
D
W
M
7” reel for
8 mm embossed
(for 1206 only)
2.0 ± 0.5
13.2 ± 0.5
17.7 ± 0.5
60.0 ± 0.5
12.00± 0.5
178 ± 1.0
7” reel for 12 mm embossed
2.5 ± 0.5
13.5 ± 0.5
17.7 ± 0.5
60.0 ± 0.5
16.2 ± 0.5
178 ± 1.0
7” reel for 24 mm embossed
2.0 ± 0.5
13.5 ± 0.5
17.7 ± 0.5
60.0 ± 0.5
24.4 +2.0
178 ± 1.0
ø
ø
ø
ø
( for 0805 & 1206 only)
Embossed
DIRECTION OF FEED
W
P
E
F
D1
G
H
A
B
0 ~ 2.5
8.0
4.0
1.75
3.5
1.00
4.0
2.0
1.70
2.45
0.90±0.25
0.20±0.05
3 ~ 13
8.0
4.0
1.75
3.5
1.00
4.0
2.0
1.70
2.45
0.55±0.25
0.20±0.05
1
8.0
4.0
1.75
3.5
1.00
4.0
2.0
2.03
3.55
1.10±0.10
0.20±0.05
2 ~ 75
8.0
4.0
1.75
3.5
1.00
4.0
2.0
2.03
3.55
0.85±0.10
0.20±0.05
0.5 ~ 2
12.0
4.0
1.75
5.5
1.55
4.0
2.0
3.50
6.75
1.10±0.10
0.20±0.05
3 ~ 450
12.0
4.0
1.75
5.5
1.55
4.0
2.0
3.50
6.75
0.90±0.10
0.20±0.05
0.2 ~ 0.8
12.0
8.0
1.75
5.5
1.55
4.0
2.0
6.81
7.16
1.30±0.10
0.25±0.05
1 ~ 3
12.0
8.0
1.75
5.5
1.55
4.0
2.0
6.81
7.16
1.05±0.10
0.25±0.05
2728
4 ~ 450
12.0
8.0
1.75
5.5
1.55
4.0
2.0
7.10
7.06
0.95±0.10
0.20±0.05
4527
0.5 ~ 500
24.0
12.0
1.75
11.5
1.50
4.0
2.0
7.38 12.00
1.05±0.10
0.30±0.10
Size
D
Measurement (±0.10)
T1
T
Measurement (±0.10)
Resistance
Range
(mΩ)
0805
1206
2512
2725



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com