Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA080505DR005SA Datasheet(PDF) 4 Page - RFE international

Part # LRMA080505DR005SA
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505DR005SA Datasheet(HTML) 4 Page - RFE international

  LRMA080505DR005SA Datasheet HTML 1Page - RFE international LRMA080505DR005SA Datasheet HTML 2Page - RFE international LRMA080505DR005SA Datasheet HTML 3Page - RFE international LRMA080505DR005SA Datasheet HTML 4Page - RFE international LRMA080505DR005SA Datasheet HTML 5Page - RFE international LRMA080505DR005SA Datasheet HTML 6Page - RFE international LRMA080505DR005SA Datasheet HTML 7Page - RFE international LRMA080505DR005SA Datasheet HTML 8Page - RFE international LRMA080505DR005SA Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
Page 4 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.03.23
Size
Code
Rating
Power
Resistance
Range (mΩ)
L
W
H
T1
T2
0.2
1.10 ± 0.254
2.150 ± 0.254
0.25
2.287 ± 0.254
0.3
1.975 ± 0.254
0.35
1.710 ± 0.254
0.4
1.440 ± 0.254
0.5
2.080 ± 0.254
0.6
1.780 ± 0.254
0.8
1.300 ± 0.254
1
1.80 ± 0.254
1.5 ~ 1.6
2 ~ 3
0.55 ± 0.254
2728
4W
4 ~ 450
6.60 ± 0.254
6.70 ± 0.254
0.58 ± 0.254
0.40 ± 0.254
1.05 ± 0.254
0.5
0.77 ± 0.254
1
1.5 ~ 20
21 ~ 100
0.55 ± 0.254
0.5
0.77 ± 0.254
1
1.5 ~ 20
21 ~ 60
0.55 ± 0.254
0.5
0.80 ± 0.254
1
1.5 ~ 20
21 ~ 500
0.58 ± 0.254
2725
6.90 ± 0.254
6.80 ± 0.254
6.35 ± 0.254
0.95 ± 0.254
0.85 ± 0.254
0.65 ± 0.254
1.20 ± 0.254
1.15 ± 0.254
3.00 ± 0.254
0.65 ± 0.254
2.00 ± 0.254
3W
1.50 ± 0.254
4W
4527
2W
11.30 ± 0.50
6.60 ± 0.50
0.90 ± 0.254
3.00 ± 0.254
0.65 ± 0.254
2.00 ± 0.254
5W
0.65 ± 0.254
3.00 ± 0.254
0.68 ± 0.254
2.00 ± 0.254
JUMPER DIMENSION (unit : mm)
Siz e
C ode
R ating
Pow er
R es is tanc e
R ange (m Ω)
L
W
H
T1
T2
0805
0.5W
1W
≤ 0.20
2.05 ± 0.25
1.30 ± 0.30
0.45 ± 0.20
-----
0.40 ± 0.20
1206
1W
≤ 0.20
3.20 ± 0.254
1.65 ± 0.254
0.65 ± 0.254
0.508 ± 0.254
0.508 ± 0.254
2512
2W
3W
≤ 0.20
6.35 ± 0.254
3.05 ± 0.254
0.65 ± 0.254
1.15 ± 0.254
1.10 ± 0.254



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com