Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP500/5 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSTBP500/5
Description  5mm screwless terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSTBP500/5 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSTBP500/5 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
85
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
S TANDARD
PL UGGABLES
SCREWLES S
PCB TERMINAL
BLOCKS
0 02
5mm scr e wles s t erminal blocks
Pr oduct o v ervie w
• Interlocking modules
• Easily breakable to desired number of
poles
• Guided pin alignment
• Moulded in green UL94-V0 PA66
• 0.08-1.5mm2 cable (28-16AWG)
• C
US
approved
SPECIFICATION
Rating
10A/300V
Insulation withstand voltage
AC2000V/1 min
Insulation resistance
500MΩ at DC500V
Operating temperature
-40°C to +115°C
Moulding
UL94-V0 PA66
Pin/contact
Tin plated phosphor bronze
Recommended PCB hole size
1.2mm
PART NO.
POLES
LENG TH
CSTBP500/2
2
11.6mm
CSTBP500/3
3
16.6mm
CSTBP500/4
4
21.6mm
CSTBP500/5
5
26.6mm
CSTBP500/6
6
31.6mm
CSTBP500/7
7
36.6mm
CSTBP500/8
8
41.6mm
CSTBP500/9
9
46.6mm
CSTBP500/10
10
51.6mm
CSTBP500/11
11
56.6mm
CSTBP500/12
12
61.6mm
CSTBP500
12.60
0.70
3.15 5.00
Ø1.20
5.00
5.00x(N-1)
PCB LAYOUT
5.00x(N-1)+6.60
5.00x(N-1)
0.50
5.00 2.90
KEY FEATURES
Dual r o w pins | Scr e wles s actua t ed cage t erminals | Modular design
Vers 2


Similar Part No. - CSTBP500/5

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508H/10 CAMDENBOSS-CSTBP508H/10 Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508H/10 CAMDENBOSS-CSTBP508H/10 Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508H/11 CAMDENBOSS-CSTBP508H/11 Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508H/11 CAMDENBOSS-CSTBP508H/11 Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
More results

Similar Description - CSTBP500/5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
EuroMag Terminal Blocks Screwless; 5.08 Centers
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com