Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD001-0603-R Datasheet(PDF) 2 Page - RFE international

Part # FSMD001-0603-R
Description  Surface Mountable PTC Resettable Fuse: FSMD0603 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD001-0603-R Datasheet(HTML) 2 Page - RFE international

  FSMD001-0603-R Datasheet HTML 1Page - RFE international FSMD001-0603-R Datasheet HTML 2Page - RFE international FSMD001-0603-R Datasheet HTML 3Page - RFE international FSMD001-0603-R Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NO.
PQ35-101E
Product Specification and Approval Sheet Version 1 Page 2/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
4. FSMD Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
FSMD001-0603-R
1.40
1.80
0.45
1.00
0.35
0.85
0.10
0.50
0.08
0.40
FSMD002-0603-R
1.40
1.80
0.45
1.00
0.35
0.85
0.10
0.50
0.08
0.40
FSMD003-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD004-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD005-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD008-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD010-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD012-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD016-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD020-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
FSMD025-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FSMD0603 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com