Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD001-0603-R Datasheet(PDF) 3 Page - RFE international

Part # FSMD001-0603-R
Description  Surface Mountable PTC Resettable Fuse: FSMD0603 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD001-0603-R Datasheet(HTML) 3 Page - RFE international

  FSMD001-0603-R Datasheet HTML 1Page - RFE international FSMD001-0603-R Datasheet HTML 2Page - RFE international FSMD001-0603-R Datasheet HTML 3Page - RFE international FSMD001-0603-R Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NO.
PQ35-101E
Product Specification and Approval Sheet Version 1 Page 3/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
D
6. Typical Time-to-Trip at 23℃
7. Material Specification
Terminal pad material: Pure Tin
Soldering characteristics: Meets EIA specification RS 186-9E, ANSI/J-std-002 Category 3
8. Part Numbering and Marking System
Part Numbering System
Part Marking System
F S M D □ □ □ – 0603 - R
Warning: - Each product should be carefully evaluated and tested for their suitability of application.
- Operation beyond the specified maximum rating or improper use may result in damage and possible electrical arcing and/or flame.
- PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent condition and/or prolonged
trip are not anticipated.
- Avoid contact of PPTC device with chemical solvent, including some inert material such as silicone based oil, lubricant and etc.
Prolonged contact will damage the device performance.
- Additional protection mechanism are strongly recommended to be used in conjunction with the PPTC device for protection against
abnormal or failure conditions.
- Avoid use of PPTC device in a constrained space such as potting material, housing and containers where have limited space to
accommodate device thermal expansion and/or contraction.
□
A = FSMD001-0603-R
B = FSMD002-0603-R
C = FSMD003-0603-R
D = FSMD004-0603-R
E = FSMD005-0603-R
F = FSMD008-0603-R
G = FSMD010-0603-R
H = FSMD012-0603-R
I = FSMD016-0603-R
J = FSMD020-0603-R
K = FSMD025-0603-R
X=FSMD001-0603-R
Y=FSMD002-0603-R
Z=FSMD003-0603-R
A=FSMD004-0603-R
B=FSMD005-0603-R
C=FSMD008-0603-R
D=FSMD010-0603-R
E=FSMD012-0603-R
F=FSMD016-0603-R
G=FSMD020-0603-R
V=FSMD025-0603-R
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
Fault Current (A)
A
B
C D E FG HIJK
Example
Current Rating
Part Identification



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com