Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD001-0603-R Datasheet(PDF) 4 Page - RFE international

Part # FSMD001-0603-R
Description  Surface Mountable PTC Resettable Fuse: FSMD0603 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD001-0603-R Datasheet(HTML) 4 Page - RFE international

  FSMD001-0603-R Datasheet HTML 1Page - RFE international FSMD001-0603-R Datasheet HTML 2Page - RFE international FSMD001-0603-R Datasheet HTML 3Page - RFE international FSMD001-0603-R Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NO.
PQ35-101E
Product Specification and Approval Sheet Version 1 Page 4/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
9. Pad Layouts、Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each FSMD0603 device
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp) 3℃/second max.
Preheat:
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150℃
200℃
60-180 seconds
Time maintained above:
Temperature (TL)
Time (tL)
217℃
60-150 seconds
Peak/Classification Temperature (Tp) : 260℃
Time within 5℃ of actual Peak:
Temperature (tp)
20-40 seconds
Ramp-Down Rate:
6℃/second max.
Time 25℃ to Peak Temperature:
8 minutes max.
Note 1: All temperatures refer to of the package,
measured on the package body surface.
Reflow Profile
Pad dimensions (millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
FSMD0603 Series
0.80
0.60
0.80
Solder reflow
Due to “Lead Free” nature, Temperature and
Dwelling time for the soldering zone is higher
than those for Regular. This may cause
damage to other components.
1. Recommended max paste thickness is
0.25mm. (Nominal)
2. Devices can be cleaned using standard
methods and aqueous solvent.
3. Rework use standard industry practices.
4. Storage Environment: < 30℃ / 60%RH.
Caution:
1. If
reflow
temperatures
exceed
the
recommended profile, devices may not meet
the performance requirements.
2. Devices are not designed to be wave soldered
to the bottom side of the board.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com