Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD005-1210-R Datasheet(PDF) 1 Page - RFE international

Part # FSMD005-1210-R
Description  Surface Mount PPTC Resettable Fuse: FS MD121 0 Se ries
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD005-1210-R Datasheet(HTML) 1 Page - RFE international

  FSMD005-1210-R Datasheet HTML 1Page - RFE international FSMD005-1210-R Datasheet HTML 2Page - RFE international FSMD005-1210-R Datasheet HTML 3Page - RFE international FSMD005-1210-R Datasheet HTML 4Page - RFE international FSMD005-1210-R Datasheet HTML 5Page - RFE international FSMD005-1210-R Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(e) Operation Current: 0.05A~2.00A
(f) Maximum Voltage: 6V~ 60VDC
Temperature Range : -40
to 85
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50090556
3. Electrical Characteristics (23 C)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max.
Current
Typical
Power
Max. Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec.
Ohm
Ohm
FSMD005-1210-R
0.05
0.15
60
100
0.60
0.25
1.50
3.600
50.000
FSMD010-1210-R
0.10
0.25
60
100
0.60
0.50
1.50
1.600
15.000
FSMD020-1210-R
0.20
0.40
30
100
0.60
8.00
0.02
0.800
5.000
FSMD035-1210-R
0.35
0.70
16
100
0.60
8.00
0.20
0.320
1.300
FSMD050-1210-R
0.50
1.00
16
100
0.60
8.00
0.10
0.250
0.900
FSMD075-1210-R
0.75
1.50
8
100
0.60
8.00
0.10
0.130
0.400
FSMD075-24-1210R
0.75
1.50
24
100
0.60
8.00
0.10
0.130
0.400
FSMD110-1210R
1.10
2.20
8
100
0.80
8.00
0.30
0.060
0.210
FSMD110-16-1210R
1.10
2.20
16
100
0.80
8.00
0.30
0.060
0.210
FSMD150-1210R
1.50
3.00
6
100
0.80
8.00
0.50
0.040
0.110
FSMD175-1210R
1.75
3.50
6
100
0.80
8.00
0.60
0.020
0.080
FSMD200-1210R
2.00
4.00
6
100
0.80
8.00
1.00
0.015
0.070
IH=Hold current-maximum current at which the device will not trip at 23 C still air.
IT=Trip current-minimum current at which the device will always trip at 23 C still air.
VMAX=Maximum voltage device can withstand without damage at it rated current (IMAX).
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23 C still air environment.
RMIN=Minimum device resistance at 23 C prior to tripping.
R1MAX=Maximum device resistance at 23 C measured 1 hour after tripping or reflow soldering of 260 C for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
NO.
PQ19-01ER
Surface Mount PPTC Resettable Fuse:
FSMD1210 Series
DEC-19-2023
Page 1 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) 1210 Dimension, Surface mountable, Solid state
Fast trip time.
(d)
(g)


Similar Part No. - FSMD005-1210-R

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSMD005-1210-R FUZETEC-FSMD005-1210-R Datasheet
191Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD1210 Series
More results

Similar Description - FSMD005-1210-R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com