Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE21 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE21
Description  50mm wide IP66 limit switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE21 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE21 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
197
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
LIMIT S WIT CHES
50mm wide IP66 limit s wit ches
Pr oduct o v ervie w
• 50mm width
• Metal casing
• Rated to IP66
• Snap action contacts
• C
US
,
approved
SPECIFICATION
Rating
500V
Shock withstand
50g
Impulse withstand voltage
6kV
Working temperture
-25°C to +70°C
Switching frequency
3600 cycles/h
Load factor
0.5
Short circuit protection
10A gG fuse
CE 21
IP66 METAL CASING
PLUNGER TYPE
MAX ACTUATION SPEED
ACTUATION / NC OPERATION
CE21.00.AM
Plain plunger
0.5ms-1
15N/30N
CE21.00.BM
Steel roller plunger
0.3ms-1
12N/30N
CE21.00.HM
Adjustable rod lever
1.5ms-1
0.10Nm/0.32Nm
CE21.00.GM
Adjustable rod lever
1.5ms-1
0.10Nm/0.32Nm
CE21.00.EM
Nylon roller lever
1.5ms-1
0.10Nm/0.32Nm
CE21.00.EM/50
Rubber roller lever
1.5ms-1
0.10Nm/0.32Nm
CE21.00.FM
Adjustable roller lever
1.5ms-1
0.10Nm/0/32Nm
CE21.00.FM/50
Adjustable rubber roller lever
1.5ms-1
0.10Nm/0.32Nm
CE21.00.HLTM
Nylon actuator with stainless steel spring
1.5ms-1
0.10Nm/-
CE21.00.FRM/50
Adjustable lever with adjustable rubber roller
1.0ms-1
0.10Nm/-
CE21.00.IM
Nylon roller lever
1.0ms-1
0.10Nm/0.32Nm
Plain plunger
Steel roller plunger
Adjustable rod lever
Adjustable rod lever
Nylon roller lever
Rubber roller lever
Adjustable roller lever
Adjustable rubber roller lever
Nylon actuator with stainless
steel spring
Adjustable lever with
adjustable rubber roller
Nylon roller lever
Ø18
Ø18
Ø18
Ø8
12.5
Ø11
12.5
3.5
30Y
5.5
Ø3
Ø6
36
39.5
8
42
44
45
40
15
5.5
36
Ø50
51
43.5
9
36
45.5
41
34
5.5
42
Ø50
52
44.5
32.5
9
36
48.8
15.5
5.5
59..78
51..70
9
Ø50
42
39.5
44
Ø7
8


Similar Part No. - CE21

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE21.00.S5M CAMDENBOSS-CE21.00.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE21.00.SCM CAMDENBOSS-CE21.00.SCM Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE21.01.S5M CAMDENBOSS-CE21.01.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE21.01.SCM CAMDENBOSS-CE21.01.SCM Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE21.02.S5M CAMDENBOSS-CE21.02.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
More results

Similar Description - CE21

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE41 CAMDENBOSS-CE41 Datasheet
591Kb / 1P
40mm wide limit switches
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
30mm wide pre-wired limit switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com