Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP151 Datasheet HTML 28Page - Analog Devices ADP151 Datasheet HTML 29Page - Analog Devices ADP151 Datasheet HTML 30Page - Analog Devices ADP151 Datasheet HTML 31Page - Analog Devices ADP151 Datasheet HTML 32Page - Analog Devices ADP151 Datasheet HTML 33Page - Analog Devices ADP151 Datasheet HTML 34Page - Analog Devices ADP151 Datasheet HTML 35Page - Analog Devices ADP151 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
32 of 47
If OUTS is externally held more than SET, the current sink turns on in an attempt to restore OUTS to its
programmed voltage. The current sink remains on until the external circuitry releases OUTS.
Direct Paralleling for Higher Current
Higher output current is obtained by paralleling multiple LT3046 devices. Connect all SET pins together and all IN
pins together. Connect the OUT pins together using small pieces of PCB trace (used as a ballast resistor) to equalize
currents in the LT3046 devices. PCB trace resistance in milliohms per inch is shown in Table 6.
Table 6. PCB Trace Resistance (Measured in mΩ per Inch)
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
The small worst-case offset of 2mV for each paralleled LT3046 minimizes the required ballast resistor value. Figure
73 illustrates that two LT3046 devices, each using a 50mΩ PCB trace ballast resistor, providing better than 20%
accurate output current sharing at full load. The two 50mΩ external resistors only add 10mV of output regulation
drop with a 400mA maximum current. With a 3.3V output, this voltage drop only adds 0.3% to the regulation
accuracy. As mentioned previously, connect the OUTS pin directly to the output capacitor.
Figure 73. Parallel Devices
4.7µF
0.47µF
16.5kΩ
100µA
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT
3.3V
IOUT(MAX)
400mA
PG
10µF
4.7µF
100µA
IN
EN/UV
PGFB
VIN
5V ±5%
SET
GND
ILIM
OUTS
OUT
LT3046
PG
50mΩ
50mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com