Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP151 Datasheet HTML 14Page - Analog Devices ADP151 Datasheet HTML 15Page - Analog Devices ADP151 Datasheet HTML 16Page - Analog Devices ADP151 Datasheet HTML 17Page - Analog Devices ADP151 Datasheet HTML 18Page - Analog Devices ADP151 Datasheet HTML 19Page - Analog Devices ADP151 Datasheet HTML 20Page - Analog Devices ADP151 Datasheet HTML 21Page - Analog Devices ADP151 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
18 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 40. ISET During Start-Up with Fast Start-Up Enabled
vs. Temperature
Figure 41. ISET During Start-Up with Fast Start-Up Enabled
vs. VIN-to-VSET Differential
Figure 42.Output Overshoot Recovery Sink Current vs.
VOUT - VSET
Figure 43. Output Overshoot Recovery Sink Current vs.
Temperature
Figure 44. Current when VOUT Forced Above VOUT(NOMINAL) vs.
Output Voltage (IIN Is the Input Current, and IOUT Is the
Output Current)
Figure 45. PSRR vs. Frequency (CSET Steps)
VIN = 2.2V
VPGFB = 288mV
VSET = 1.3V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VPGFB = 288mV
VSET = 1.3V
VIN-TO-VSET DIFFERENTIAL (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 5V
VSET = 3.3V
+150°C
+125°C
+25°C
–40°C
–55°C
VOUT – VSET (mV)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
VIN = 5V
VSET = 3.3V
VOUT – VSET > 5mV
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10
VIN = 5V
VSET = 3.3V
IIN WHEN VEN = 0V
IOUT WHEN VEN = 0V
IIN WHEN VEN = VIN
IOUT WHEN VEN = VIN
OUTPUT VOLTAGE (V)
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19
0
1
2
3
4
5
6
7
8
9
10
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
IL = 200mA
CSET = 4.7µF
CSET = 0.47µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com