Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 3 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
3 of 47
SPECIFICATIONS
Table 1. Electrical Characteristics
(TJ = -40°C to +125°C for the minimum and maximum values, TA = +25°C for the typical values, output capacitance
(COUT) = 4.7µF ceramic capacitor, and SET capacitance (CSET) = 4.7µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Input-Voltage Range
VIN
2.2
20
V
Minimum IN Pin
Voltage1
2.05
2.2
V
Output-Voltage Range
VOUT
VIN > VOUT
0.2
19
V
SET Pin Current
ISET
VIN = 2.2V, IL =
1mA, VOUT = 1.3V
TA = +25°C
99.5
100
100.5
µA
2.2V < VIN < 20V, 0.2V < VOUT < 19V,
1mA < IL < 200mA2
99
100
101
Fast Startup
ISET
VPGFB = 289mV, VIN = 2.8V, VSET = 1.3V
2.2
mA
Output Offset Voltage3
VOS
VIN = 2.2V, IL =
1mA, VOUT = 1.3V
TA = +25°C
-1
+1
mV
2.2V < VIN < 20V, 0.2V < VOUT < 19V,
1mA < IL < 200mA2
-2
+2
Line Regulation
∆ISET
VIN = 2.2V to 20V, IL = 1mA, VOUT =
1.3V
0.25
±10
nA/V
∆VOS
VIN = 2.2V to 20V, IL = 1mA, VOUT =
1.3V3
1
±20
µV/V
Load Regulation
∆ISET
IL = 1mA to 200mA, VIN = 2.2V, VOUT =
1.3V
5
nA
∆VOS
IL = 1mA to 200mA, VIN = 2.2V, VOUT =
1.3V3
0.1
0.7
mV
Change in ISET with VSET4
VSET = 1.3V to 19V, VIN = 20V, IL = 1mA
175
500
nA
VSET = 0.2V to 0.75V, VIN = 20V, IL =
1mA
10
200
Change in VOS with VSET4
VSET = 1.3V to 19V, VIN = 20V, IL =
1mA3
0.06
0.6
mV
VSET = 0.2V to 0.75V, VIN = 20V, IL =
1mA3
0.01
0.2
Error Amplifier
Switchover Point
(PNP-to-NPN Input Pair
Switchover)
VIN = 2.2V, IL = 1mA, VSET rising
957
mV
VIN = 2.2V, IL = 1mA, VSET falling
929
Hysteresis
28
Dropout Voltage5
IL = 1mA and
20mA
TA = +25°C
290
370
mV
450
IL = 100mA
TA = +25°C
295
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com