Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2002-C Datasheet(PDF) 2 Page - International Rectifier

Part # IRDCIP2002-C
Description  1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2002-C Datasheet(HTML) 2 Page - International Rectifier

  IRDCIP2002-C Datasheet HTML 1Page - International Rectifier IRDCIP2002-C Datasheet HTML 2Page - International Rectifier IRDCIP2002-C Datasheet HTML 3Page - International Rectifier IRDCIP2002-C Datasheet HTML 4Page - International Rectifier IRDCIP2002-C Datasheet HTML 5Page - International Rectifier IRDCIP2002-C Datasheet HTML 6Page - International Rectifier IRDCIP2002-C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
2
IRDCiP2002-C
Fig: 4: Input Voltage Ripple Waveform
Fig. 5: Output Voltage Ripple Waveform
Fig. 2: Efficiency vs. Current
Fig. 1: Power Loss vs. Current
Fig. 3: Bode Plot
0
5
10
15
20
25
30
35
0
10203040506070
8090
100
110
120
Output Current (A)
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
TA = 25ºC
79%
80%
81%
82%
83%
84%
85%
86%
87%
0
1020
30405060708090
100
110
120
Output Current (A)
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
TA = 25ºC
VIN = 12V
VOUT = 1.3V
IOUT = 120A
fSW = 1MHz
TA = 21ºC
Phase Margin = 59°
Cross-Over Freq = 123kHz
VIN = 12V
VOUT = 1.3V
IOUT = 120A
fSW = 1MHz
TA = 21ºC
VIN = 12V
VOUT = 1.3V
IOUT = 120A
fSW = 1MHz
TA = 21ºC
Phase Margin = 59°
Cross-Over Freq = 123kHz
Ripple = 132mVp-p
V
IN = 12 V
V
OUT = 1 .3V
I
OUT = 120A
f
SW = 1MHz
T
A = 2 5ºC
Ripple = 132mVp-p
V
IN = 12 V
V
OUT = 1 .3V
I
OUT = 120A
f
SW = 1MHz
T
A = 2 5ºC
Ripple = 12.8mVp-p
VIN = 12V
VOUT = 1.3V
IOUT = 120A
fSW = 1MHz
TA = 25ºC
Ripple = 12.8mVp-p
VIN = 12V
VOUT = 1.3V
IOUT = 120A
fSW = 1MHz
TA = 25ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com