Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2002-C Datasheet(PDF) 5 Page - International Rectifier

Part # IRDCIP2002-C
Description  1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2002-C Datasheet(HTML) 5 Page - International Rectifier

  IRDCIP2002-C Datasheet HTML 1Page - International Rectifier IRDCIP2002-C Datasheet HTML 2Page - International Rectifier IRDCIP2002-C Datasheet HTML 3Page - International Rectifier IRDCIP2002-C Datasheet HTML 4Page - International Rectifier IRDCIP2002-C Datasheet HTML 5Page - International Rectifier IRDCIP2002-C Datasheet HTML 6Page - International Rectifier IRDCIP2002-C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRDCiP2002-C
Fig. 12: Component Placement Top Layer
Fig. 13: Heatsink Specificationss
Heatsink Notes:
1) Always use the supplied Bergquist Gap PadTM A2000 thermal interface material with heatsink.
2) Torque 4 x #2-56 machine screws to 15 ±1 in-oz.
3) The heatsink is optimized for 250 LFM with unconfined airflow. Performance will improve with
more airflow
or confined airflow.
4) Airflow direction should be parallel to fins for maximum performance.
127mm
20mm
17mm
1.5mm
5mm
3mm
127mm
20mm
17mm
1.5mm
5mm
3mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com