Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2002-C Datasheet(PDF) 3 Page - International Rectifier

Part # IRDCIP2002-C
Description  1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2002-C Datasheet(HTML) 3 Page - International Rectifier

  IRDCIP2002-C Datasheet HTML 1Page - International Rectifier IRDCIP2002-C Datasheet HTML 2Page - International Rectifier IRDCIP2002-C Datasheet HTML 3Page - International Rectifier IRDCIP2002-C Datasheet HTML 4Page - International Rectifier IRDCIP2002-C Datasheet HTML 5Page - International Rectifier IRDCIP2002-C Datasheet HTML 6Page - International Rectifier IRDCIP2002-C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRDCiP2002-C
Fig. 7: Power Up Waveform
Fig. 8: Power Down Waveform
Fig 9: Short Circiut Condition Waveform
Fig. 6: Output Voltage Accuracy vs. Current
99.8%
99.9%
100.0%
100.1%
100.2%
100.3%
100.4%
100.5%
100.6%
100.7%
100.8%
100.9%
101.0%
101.1%
101.2%
0
1020
3040
5060
7080
90
100
110
120
Output Current (A)
V
IN = 12V
V
OUT = 1.3V
I
OUT = 120A
f
SW = 1MHz
T
A = 25ºC
99.8%
99.9%
100.0%
100.1%
100.2%
100.3%
100.4%
100.5%
100.6%
100.7%
100.8%
100.9%
101.0%
101.1%
101.2%
0
1020
3040
5060
7080
90
100
110
120
Output Current (A)
V
IN = 12V
V
OUT = 1.3V
I
OUT = 120A
f
SW = 1MHz
T
A = 25ºC
Ch2: V
OUT
0.5V/div
Ch1: V
IN
5V/div
V
IN = 12 V
V
OUT = 1.3V
I
OUT = 12 0A
f
SW = 1MHz
T
A = 25ºC
Ch2: V
OUT
0.5V/div
Ch1: V
IN
5V/div
V
IN = 12 V
V
OUT = 1.3V
I
OUT = 12 0A
f
SW = 1MHz
T
A = 25ºC
Ch2: V
OUT
0.5V/div
Ch4: I
OUT
100A/div
Hiccups
until short
circuit is
removed
V
IN = 12V
V
OUT = 1.3V
f
SW = 1MHz
T
A = 25ºC
Short
circuit at
start-up
Ch2: V
OUT
0.5V/div
Ch4: I
OUT
100A/div
Hiccups
until short
circuit is
removed
Hiccups
until short
circuit is
removed
V
IN = 12V
V
OUT = 1.3V
f
SW = 1MHz
T
A = 25ºC
Short
circuit at
start-up
Short
circuit at
start-up
Ch1: V
IN
2V/div
V
IN = 1 2V
V
OUT = 1.3V
I
OUT = 40A
f
SW = 1MHz
T
A = 25°C
Ch2: V
OUT
0.2V/div
Ch1: V
IN
2V/div
V
IN = 1 2V
V
OUT = 1.3V
I
OUT = 40A
f
SW = 1MHz
T
A = 25°C
Ch2: V
OUT
0.2V/div



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com